Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPS3702 Datasheet(PDF) 4 Page - Unisonic Technologies

Part No. UPS3702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH WITH ZERO CURRENT DETECTION
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

UPS3702 Datasheet(HTML) 4 Page - Unisonic Technologies

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UPS3702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R119-022.b
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER MOS-transistor SECTION
Drain-Source Breakdown Voltage
VDSS
VGS=0V, ID=250mA
700
V
Turn-on voltage between gate and source
VTH
VDS=VGS, ID=250mA
2
4
V
Drain-Source Diode Continuous Source
Current
IS
2
A
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.25A
5
Rise Time
TR
VDD=300V, ID=4.0A
RG=25Ω (Note 1,2)
45
100
NS
Fall Time
TF
35
80
NS
Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn