Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPS3702 Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. UPS3702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH WITH ZERO CURRENT DETECTION
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

UPS3702 Datasheet(HTML) 2 Page - Unisonic Technologies

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPS3702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R119-022.b
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
SGND
Ground
2
PGND
MOSFET Ground
3
VCC
Supply voltage
4
FB
Feedback
5
NC
6
DRAIN
Power MOSFET drain
7
DRAIN
Power MOSFET drain
8
DRAIN
Power MOSFET drain
BLOCK DIAGRAM
DRAIN
DRAIN
SGND
FB
UVLO
Reference voltage
Oscillator
VCC
Latch
S
RQ
Q
NC
Driver
Frequency
Hopping
Constant Power
Limit
OTP
Logic
Control
OVP
5
4
1
3
6
8
Soft Start
LEB
Slope
Compensation
Burstmode
OLP
Delay
Time
OCP
PWM COMP
DRAIN
7
PGND
2
Notes: OLP (Over Load Protection)
OVP (Over Voltage Protection)
OTP (Over Temperature Protection)
OCP (Over Current Protection)
UVLO (Under Voltage Latch-Out)
LEB (Led Edge Blanking)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn