Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLN04G72F1BB1SA-CCRT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SLN04G72F1BB1SA-CCRT
Description  4GB DDR3L ??SDRAM ECC SO-UDIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLN04G72F1BB1SA-CCRT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SLN04G72F1BB1SA-CCRT Datasheet HTML 3Page - List of Unclassifed Manufacturers SLN04G72F1BB1SA-CCRT Datasheet HTML 4Page - List of Unclassifed Manufacturers SLN04G72F1BB1SA-CCRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SLN04G72F1BB1SA-CCRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SLN04G72F1BB1SA-CCRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SLN04G72F1BB1SA-CCRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SLN04G72F1BB1SA-CCRT Datasheet HTML 9Page - List of Unclassifed Manufacturers SLN04G72F1BB1SA-CCRT Datasheet HTML 10Page - List of Unclassifed Manufacturers SLN04G72F1BB1SA-CCRT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
preliminary
Data Sheet
Rev.0.9
07.06.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 7
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 17
IDD Specifications and Conditions
(0°C
≤ TCASE ≤ + 85°C; VDDQ, VDD = +1.283V – 1.45V)
Parameter
& Test Condition
max.
Symbol
12800-CL11
10600-CL9
Unit
OPERATING CURRENT *) :
One device bank Active-Precharge;
tRC= tRC (IDD); tCK = tCK (IDD); CKE is HIGH, CS# is HIGH
between valid commands;
DQ inputs changing once per clock cycle; Address and
control inputs changing once every two clock cycles
IDD0
360
360
mA
OPERATING CURRENT *) :
One device bank; Active-Read-Precharge;
IOUT = 0mA; BL = 4, CL = CL (IDD), AL = 0;
tCK = tCK (IDD), tRC= tRC (IDD), tRAS = tRAS MIN (IDD),
tRCD = tRCD (IDD); CKE is HIGH, CS# is HIGH between
valid commands; Address inputs changing once every
two clock cycles; Data Pattern is same as IDD4W
IDD1
495
450
mA
PRECHARGE POWER-DOWN
CURRENT:
All device banks idle; Power-down mode;
tCK = tCK (IDD); CKE is LOW; All Control and
Address bus inputs are not changing; DQ’s
are floating at VREF
Fast Exit
IDD2P
135
135
mA
Slow Exit
135
135
PRECHARGE QUIET STANDBY CURRENT:
All device banks idle;
tCK = tCK (IDD); CKE is HIGH, CS# is HIGH;
All Control and Address bus inputs are not changing;
DQ’s are floating at V
REF
IDD2Q
180
180
mA
PRECHARGE STANDBY CURRENT:
All device banks idle;
tCK = tCK (IDD); CKE is HIGH, CS# is HIGH;
All other Control and Address bus inputs are changing
once every two clock cycles; DQ inputs changing once
per clock cycle
IDD2N
180
180
mA
ACTIVE POWER-DOWN CURRENT:
All device banks open; tCK = tCK (IDD); CKE is LOW; All
Control and Address bus inputs are not changing; DQ’s
are floating at VREF (always fast exit)
IDD3P
180
180
mA
ACTIVE STANDBY CURRENT:
All device banks open; tCK = tCK (IDD),
tRAS = tRAS MAX (IDD), tRP = tRP (IDD);
CKE is HIGH, CS# is HIGH between valid commands;
All other Control and Address bus inputs are changing
once every two clock cycles; DQ inputs changing once
per clock cycle
IDD3N
270
270
mA
OPERATING READ CURRENT:
All device banks open, Continuous burst reads; One
module rank active; IOUT = 0mA; BL = 4, CL = CL (IDD),
AL = 0; tCK = tCK (IDD), tRAS = tRAS MAX (IDD), tRP = tRP
(IDD); CKE is HIGH, CS# is HIGH between valid
commands; Address bus inputs are changing once
every two clock cycles; DQ inputs changing once per
clock cycle
IDD4R
900
765
mA


Similar Part No. - SLN04G72F1BB1SA-CCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLN04G72F1BA1HY-CCRT ETC2-SLN04G72F1BA1HY-CCRT Datasheet
789Kb / 17P
   4GB DDR3L . SDRAM ECC SO-UDIMM
SLN04G72F1BA1HY-DCRT ETC2-SLN04G72F1BA1HY-DCRT Datasheet
789Kb / 17P
   4GB DDR3L . SDRAM ECC SO-UDIMM
More results

Similar Description - SLN04G72F1BB1SA-CCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLN04G72F1BA1HY-CCRT ETC2-SLN04G72F1BA1HY-CCRT Datasheet
789Kb / 17P
   4GB DDR3L . SDRAM ECC SO-UDIMM
SLN02G72F1BQ1SA-CC[EW]RT ETC2-SLN02G72F1BQ1SA-CC[EW]RT Datasheet
721Kb / 17P
   2GB DDR3L ??SDRAM ECC SO-UDIMM
SLN02G72F1BK1MT-CCRT ETC-SLN02G72F1BK1MT-CCRT Datasheet
722Kb / 17P
   2048MB DDR3L ??SDRAM ECC SO-UDIMM
SLU04G64A1BD1SA-CC[EW]R ETC2-SLU04G64A1BD1SA-CC[EW]R Datasheet
608Kb / 17P
   4GB DDR3L ??SDRAM UDIMM
logo
Elpida Memory
EBJ40UG8EBU0 ELPIDA-EBJ40UG8EBU0 Datasheet
228Kb / 16P
   4GB DDR3L SDRAM SO-DIMM
logo
Hynix Semiconductor
HMT451A7AFR8A HYNIX-HMT451A7AFR8A Datasheet
718Kb / 50P
   DDR3L SDRAM ECC SO-DIMMs Based on 4Gb A-die
logo
List of Unclassifed Man...
SGN04G72G1BK2MT-CC[EW]RT ETC2-SGN04G72G1BK2MT-CC[EW]RT Datasheet
683Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-UDIMM
logo
Hynix Semiconductor
HMT41GA7MFR8A HYNIX-HMT41GA7MFR8A Datasheet
672Kb / 48P
   DDR3L SDRAM ECC SO-DIMMs Based on 4Gb M-die
logo
List of Unclassifed Man...
SGN02G72F1BD1SA-BB[EW]RT ETC2-SGN02G72F1BD1SA-BB[EW]RT Datasheet
560Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-UDIMM
SGN02G72F1BQ1SA-CC[EW]RT ETC2-SGN02G72F1BQ1SA-CC[EW]RT Datasheet
675Kb / 16P
   2048MB DDR3 . SDRAM ECC SO-UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com