Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC16P-1.8TE13D Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24WC16P-1.8TE13D
Description  1K/2K/4K/8K/16K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC16P-1.8TE13D Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT24WC16P-1.8TE13D Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC16P-1.8TE13D Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC16P-1.8TE13D Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC16P-1.8TE13D Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC16P-1.8TE13D Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC16P-1.8TE13D Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC16P-1.8TE13D Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC16P-1.8TE13D Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC16P-1.8TE13D Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CAT24WC01/02/04/08/16
7
Doc. No. 25051-00 3/98 S-1
24WCXX F09
Figure 7. Page Write Timing
5020 FHD F08
Figure 6. Byte Write Timing
*
P=7 for CAT24WC01 and P=15 for CAT24WC02/04/08/16
* = Don't care for CAT24WC01
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+P
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS
NOTE: IN THIS EXAMPLE n = XXXX 0000(B); X = 1 or 0
*
the Byte Write operation, however instead of terminating
after the initial word is transmitted, the Master is allowed
to send up to P (P=7 for 24WC01 and P=15 for
CAT24WC02/04/08/16) additional bytes. After each byte
has been transmitted the CAT24WC01/02/04/08/16 will
respond with an acknowledge, and internally increment
the low order address bits by one. The high order bits
remain unchanged.
If the Master transmits more than P+1 bytes prior to
sending the STOP condition, the address counter ‘wraps
around’, and previously transmitted data will be overwrit-
ten.
Once all P+1 bytes are received and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point all received data is written to
the CAT24WC01/02/04/08/16 in a single write cycle.
Acknowledge Polling
The disabling of the inputs can be used to take advan-
tage of the typical write cycle time.
Once the stop
condition is issued to indicate the end of the host’s write
operation, the CAT24WC01/02/04/08/16 initiates the
internal write cycle. ACK polling can be initiated imme-
diately. This involves issuing the start condition followed
by the slave address for a write operation.
If the
CAT24WC01/02/04/08/16 is still busy with the write
operation, no ACK will be returned. If the CAT24WC01/
02/04/08/16 has completed the write operation, an ACK
will be returned and the host can then proceed with
thenext read or write operation.
WRITE PROTECTION
The Write Protection feature allows the user to protect
against inadvertent programming of the memory array.
If the WP pin is tied to VCC, the entire memory array is
protected and becomes read only. The CAT24WC01/
02/04/08/16 will accept both slave and byte addresses,
but the memory location accessed is protected from
programming by the device’s failure to send an acknowl-
edge after the first byte of data is received.
READ OPERATIONS
The READ operation for the CAT24WC01/02/04/08/16
is initiated in the same manner as the write operation
with the one exception that the R/
W bit is set to a one.
Three different READ operations are possible: Immedi-
ate Address READ, Selective READ and Sequential
READ.
Immediate Address Read
The CAT24WC01/02/04/08/16’s address counter con-
tains the address of the last byte accessed, incremented
by one. In other words, if the last READ or WRITE
access was to address N, the READ immediately follow-
ing would access data from address N+1. If N=E (where
E = 127 for 24WC01, 255 for 24WC02, 511 for 24WC04,
1023 for 24WC08, and 2047 for 24WC16), then the
counter will 'wrap around' to address 0 and continue to
BYTE
ADDRESS
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T


Similar Part No. - CAT24WC16P-1.8TE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC16PATE13F CATALYST-CAT24WC16PATE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC16PETE13F CATALYST-CAT24WC16PETE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC16PITE13F CATALYST-CAT24WC16PITE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

Similar Description - CAT24WC16P-1.8TE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com