Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9441IRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9441IRZ
Description  Triple, 180째 Out-of-Phase, Step-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9441IRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9441IRZ Datasheet HTML 2Page - Intersil Corporation ISL9441IRZ Datasheet HTML 3Page - Intersil Corporation ISL9441IRZ Datasheet HTML 4Page - Intersil Corporation ISL9441IRZ Datasheet HTML 5Page - Intersil Corporation ISL9441IRZ Datasheet HTML 6Page - Intersil Corporation ISL9441IRZ Datasheet HTML 7Page - Intersil Corporation ISL9441IRZ Datasheet HTML 8Page - Intersil Corporation ISL9441IRZ Datasheet HTML 9Page - Intersil Corporation ISL9441IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN6383.1
December 5, 2007
Absolute Maximum Ratings
Thermal Information
VCC_5V to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
VCC_5V Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
BOOT/UGATE to PHASE . . . . . . . . . . . . . -0.3V to VCC_5V + 0.3V
PHASE1,2,3 and ISEN1, 2,3, to GND
. . . . . . . . . . . . . . . . . . . . .-5V (<100ns, 10µJ)/-0.3V (DC) to +28V
EN1,EN2, EN3, FB1, FB2, FB3, to GND . . -0.3V to VCC_5V + 0.3V
LDOFB, OCSET1, OCSET2, OCSET3,
LGATE1, LGATE2, LGATE3, to GND. . . -0.3V to VCC_5V + 0.3V
PGOOD, RST, G4 to GND . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Thermal Resistance (Typical)
θJA(oC/W)
θJC(oC/W)
32 Ld QFN Package (Note 1). . . . . . . .
34
3.5
Maximum Junction Temperature . . . . . . . . . . . . . . . -55°C to +150°C
Maximum Operating Temperature . . . . . . . . . . . . . . . -40°C to +85°C
Maximum Storage Temperature. . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
Schematic. VIN = 5.6V to 24V, or VCC_5V = 5V ±10%, C_VCC_5V = 4.7µF, TA = -40°C to +85°C (Note 5),
Typical values are at TA = +25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN SUPPLY
Input Voltage Range
5.6
12.0
24.0
V
Input Voltage Range
VIN = VCC_5V (Note 6)
4.5
5.0
5.6
V
VCC_5V SUPPLY (Note 2)
Operation Voltage
4.5
5.0
5.6
V
Internal LDO Output Voltage
VIN > 5.6V, IL = 60mA
4.5
5.0
5.5
V
Maximum Supply Current of Internal LDO
VIN = 12V
60
mA
VIN SUPPLY CURRENT
Shutdown Current (Note 3)
EN = EN2 = EN3 = 0, VIN =12V
50
100
µA
Operating Current (Note 4)
3
5
mA
REFERENCE SECTION
Internal Reference Voltage
Across specified temperature range
0.8
V
Reference Voltage Accuracy
Across specified temperature range
-1
+1
%
PWM CONTROLLER ERROR AMPLIFIERS
DC Gain (Note 5)
88
dB
Gain-BW Product (Note 5)
15
MHz
Slew Rate (Note 5)
2.0
V/µs
PWM REGULATOR
Switching Frequency (ISL9440, ISL9441)
260
300
340
kHz
Maximum Duty Cycle (ISL9440, ISL9441)
93
%
Minimum Duty Cycle (ISL9440, ISL9441)
3%
Switching Frequency (ISL9440A)
522
600
678
kHz
Maximum Duty Cycle (ISL9440A)
86
%
ISL9440, ISL9440A, ISL9441


Similar Part No. - ISL9441IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9441IRZ RENESAS-ISL9441IRZ Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL9441IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com