Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21850STRPBF Datasheet(PDF) 14 Page - International Rectifier

Part # IRS21850STRPBF
Description  Gate drive supply range from 10 V to 20 V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21850STRPBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IRS21850STRPBF Datasheet HTML 10Page - International Rectifier IRS21850STRPBF Datasheet HTML 11Page - International Rectifier IRS21850STRPBF Datasheet HTML 12Page - International Rectifier IRS21850STRPBF Datasheet HTML 13Page - International Rectifier IRS21850STRPBF Datasheet HTML 14Page - International Rectifier IRS21850STRPBF Datasheet HTML 15Page - International Rectifier IRS21850STRPBF Datasheet HTML 16Page - International Rectifier IRS21850STRPBF Datasheet HTML 17Page - International Rectifier IRS21850STRPBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
IRS21850S
www.irf.com
© 2008 International Rectifier
14
Typ
Max
0
20
40
60
80
100
120
140
160
180
-50
-25
0
25
50
75
100
125
Temperature (°C)
Figure 12A. V
BS Supply Cur r e nt vs .
Tem perature
Typ
Max
0
50
100
150
200
250
10
12
14
16
18
20
Supply Voltage (V)
Figure 12B. V
BS Supply Cur r e nt vs . Supply
Voltage
Typ
Max
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
Temperature (°C)
Figure 13A. V
CC Supply Cur r e nt vs .
Tem perature
Typ
Max
0
50
100
150
200
250
300
350
10
12
14
16
18
20
Supply Voltage (V)
Figure 13B. V
CC Supply Cur r e nt vs . Supply
Voltage
Max
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (°C)
Figure 14A. Logic "0" Input Bias Current vs.
Tem perature
Max
0
1
2
3
4
5
6
10
12
14
16
18
20
Supply Voltage (V)
Figure 14B. Logic "0" Input Bias Current vs.
Supply Voltage


Similar Part No. - IRS21850STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21850SPBF IRF-IRS21850SPBF Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
IRS21850SPBF IRF-IRS21850SPBF_15 Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
More results

Similar Description - IRS21850STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
   Gate drive supply range from 10 to 20V
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
   Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
   Gate drive supply range from 10 to 20V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
   Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
   Gate drive supply range from 5 to 20V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com