Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMXA-1054S Datasheet(PDF) 4 Page - Sanken electric

Part # FMXA-1054S
Description  Silicon Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMXA-1054S Datasheet(HTML) 4 Page - Sanken electric

  FMXA-1054S Datasheet HTML 1Page - Sanken electric FMXA-1054S Datasheet HTML 2Page - Sanken electric FMXA-1054S Datasheet HTML 3Page - Sanken electric FMXA-1054S Datasheet HTML 4Page - Sanken electric FMXA-1054S Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FMXA-1054S
030619
4/5
61426-01
SANKEN ELECTRIC CO., LTD.
4-2Derating Curve
TC - IF(AV)
VR=0(V)
Case Temperature (℃)
TC - IF(AV)
VR=400(V)
Case Temperature (°C)
0
1
2
3
4
5
50
60
70
80
90
100
110
120
130
140
150
0
1
2
3
4
5
50
60
70
80
90
100
110
120
130
140
150
D.C
t/T=1/2
t/T=1/3 Sinewave
t/T=1/6
Tj=150°C
t
T
Sinewave
D.C
t/T=1/2
t/T=1/3
t/T=1/6
Tj=150℃°C
t
T


Similar Part No. - FMXA-1054S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMXA-1054S SANKEN-FMXA-1054S Datasheet
145Kb / 5P
   Silicon Diode
More results

Similar Description - FMXA-1054S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com