Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMX-22S Datasheet(PDF) 1 Page - Sanken electric

Part # FMX-22S
Description  Silicon Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMX-22S Datasheet(HTML) 1 Page - Sanken electric

  FMX-22S Datasheet HTML 1Page - Sanken electric FMX-22S Datasheet HTML 2Page - Sanken electric FMX-22S Datasheet HTML 3Page - Sanken electric FMX-22S Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
FMX-22S
031104
1/4
61426-01
1. Scope
The present specifications shall apply to a FMX-22S.
2.
Outline
Type
Silicon Rectifier Diode
Structure
Resin Molded
Flammability: UL94V-0 (Equivalent)
Applications
High Frequency Rectification
3. Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
200
2
Peak Reverse Voltage
VRM
V
200
3
Average Forward Current
IF(AV)
A
10
Refer to Derating of 6
4
Peak Surge Forward Current
IFSM
A
65
10msec
Sine wave, one shot
5
I2t Limiting Value
I2t
A2s
21
1msec≤t≤10msec
6
Junction Temperature
Tj
°C
-40~+150
7
Storage Temperature
Tstg
°C
-40~+150
No.1,2,4&5 show ratings per one chip.
4. Electrical characteristics
No
.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.98 max.
IF=5.0A
2
Reverse Leakage Current
IR
µA
100 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
mA
20 max.
VR=VRM, Tj=150°C
4
Reverse Recovery Time
trr1
ns
30 max.
IF=IRP=100mA
90% Recovery point, Tj=25°C
trr2
ns
25 max.
IF=100mA,IRP=200mA,
75% Recovery point ,Tj=25°C
5
Thermal Resistance
Rth (j-c)
°C /W
4.0 max.
Between Junction and case
No.1,2,3&4 show characteristics per one chip.


Similar Part No. - FMX-22S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMX-22S SANKEN-FMX-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMX-22S SANKEN-FMX-22S Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
FMX-22S SANKEN-FMX-22S Datasheet
209Kb / 4P
   Silicon Rectifier Diode
logo
Inchange Semiconductor ...
FMX-22S ISC-FMX-22S Datasheet
235Kb / 2P
   Ultrafast Rectifier
logo
Sanken electric
FMX-22SL SANKEN-FMX-22SL Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
More results

Similar Description - FMX-22S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE506 NTE-NTE506 Datasheet
15Kb / 1P
   Silicon Rectifier Diode
logo
SEMTECH ELECTRONICS LTD...
RN2Z SEMTECH_ELEC-RN2Z Datasheet
186Kb / 1P
   SILICON RECTIFIER DIODE
logo
EIC discrete Semiconduc...
1N4003ST EIC-1N4003ST Datasheet
53Kb / 2P
   SILICON RECTIFIER DIODE
logo
SiPower Inc.
SPAL1210 SIPOWER-SPAL1210 Datasheet
365Kb / 3P
   Silicon Rectifier Diode
logo
Sanken electric
FMX-12S SANKEN-FMX-12S Datasheet
206Kb / 4P
   Silicon Rectifier Diode
FMX-22S SANKEN-FMX-22S Datasheet
209Kb / 4P
   Silicon Rectifier Diode
RM1Z SANKEN-RM1Z Datasheet
207Kb / 3P
   Silicon Rectifier Diode
RM10Z SANKEN-RM10Z Datasheet
214Kb / 3P
   Silicon Rectifier Diode
logo
SiPower Inc.
SPAL1012 SIPOWER-SPAL1012 Datasheet
365Kb / 3P
   Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
10EDA20 EIC-10EDA20 Datasheet
114Kb / 2P
   SILICON RECTIFIER DIODE
logo
Sanken electric
EM01A SANKEN-EM01A Datasheet
182Kb / 3P
   Silicon Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com