Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2686 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA2686
Description  Dual, Wideband, Low-Noise Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2686 Datasheet(HTML) 5 Page - Texas Instruments

  OPA2686 Datasheet HTML 1Page - Texas Instruments OPA2686 Datasheet HTML 2Page - Texas Instruments OPA2686 Datasheet HTML 3Page - Texas Instruments OPA2686 Datasheet HTML 4Page - Texas Instruments OPA2686 Datasheet HTML 5Page - Texas Instruments OPA2686 Datasheet HTML 6Page - Texas Instruments OPA2686 Datasheet HTML 7Page - Texas Instruments OPA2686 Datasheet HTML 8Page - Texas Instruments OPA2686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
OPA2822
5
SBOS188E
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V
TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
G = +1
R
F = 0Ω
G = +2
G = +5
G = +10
V
O = 0.1VPP
See Figure 1
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
G = –1
G = –10
G = –5
V
O = 0.1VPP
R
F = 604Ω
See Figure 2
G = –2
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
12
9
6
3
0
–3
–6
–9
–12
–15
–18
G = +2
V
O = 0.1VPP
V
O = 0.5VPP
V
O = 1VPP
V
O = 2VPP
See Figure 1
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
G = –1
R
F = 604Ω
V
O = 0.1VPP
V
O = 0.5VPP
V
O = 1VPP
V
O = 2VPP
See Figure 2
400
300
200
100
0
–100
–200
–300
–400
NONINVERTING PULSE RESPONSE
Time (20ns/div)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
See Figure 1
Large-Signal Right Scale
Small-Signal Left Scale
G = +2
400
300
200
100
0
–100
–200
–300
–400
INVERTING PULSE RESPONSE
Time (20ns/div)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
See Figure 2
Large-Signal Right Scale
Small-Signal Left Scale
G = –1


Similar Part No. - OPA2686

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2686U BURR-BROWN-OPA2686U Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2686

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com