Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3012G-S08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L3012G-S08-T
Description  1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3012G-S08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  L3012G-S08-T Datasheet HTML 1Page - Unisonic Technologies L3012G-S08-T Datasheet HTML 2Page - Unisonic Technologies L3012G-S08-T Datasheet HTML 3Page - Unisonic Technologies L3012G-S08-T Datasheet HTML 4Page - Unisonic Technologies L3012G-S08-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L3012
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-025. b
FUNCTION DESCRIPTION
The UTC L3012 is a current mode and fixed frequency (280kHz) LED driver.
1. Output current setting
The output current is determined by the sampling resistor (RS) and setting voltage (VIN-VSENSE a built-in fixed
100mV).
S
SENSE
IN
OUT
R
V
V
I
=100mV/Rs
2. Current limiting
UTC L3012 has internal current limiting function, and the voltage on COMP is clamped at about 2V, the output
current of the power MOSFET is limited at about 2A by current comparator.
3. Diode Selection
UTC L3012 driver LED need a Schottky diode. If output current is 700mA or smaller then SS14 (D1N5819) is ok.
The average current through the diode is ID:
ID= (1-D)·ILED
ILED is the current of LED
TYPICAL APPLICATION CIRCUIT
1
2
3
4
8
7
6
5
SW
GND
SENSE
VIN
ADJ
VDD
PWM
COMP
SBD
VIN
Rs
Cout
L
10µF
1µF
100nF


Similar Part No. - L3012G-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3012G-S08-R UTC-L3012G-S08-R Datasheet
170Kb / 5P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - L3012G-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3010 UTC-L3010 Datasheet
154Kb / 5P
   1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
logo
Silan Microelectronics ...
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
   1A High Power LED Driver with 6~36V Input
logo
Monolithic Power System...
MP4689A MPS-MP4689A Datasheet
697Kb / 10P
   100V Input, 1A, High-Power LED Driver
EV4689DN-00A MPS-EV4689DN-00A Datasheet
238Kb / 5P
   100V Input 1A High Power LED Driver
MP4688 MPS-MP4688 Datasheet
477Kb / 11P
   80V Input, 1A High Power LED Driver
EV4688DN-00A MPS-EV4688DN-00A Datasheet
152Kb / 3P
   80V Input 1A High Power LED Driver
MP4689 MPS-MP4689 Datasheet
422Kb / 10P
   100V Input, 1A High Power LED Driver
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
   40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L3010 UTC-L3010_16 Datasheet
193Kb / 6P
   1A HIGH POWER LED DRIVER
logo
Monolithic Power System...
MP2487 MPS-MP2487 Datasheet
207Kb / 13P
   55V, 1A High Power LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com