Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGU08G64B1BB2SA-BB[EW]R Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part No. SGU08G64B1BB2SA-BB[EW]R
Description  8192MB DDR3 SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SGU08G64B1BB2SA-BB[EW]R Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
preliminary
Data Sheet
Rev.0.9
26.03.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 13
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 16
Byte
Byte Description
12800 CL11 10600 CL9
8500 CL7
32-59
BYTES 32-59 RESERVED
0x00
60
MODULE HEIGHT (NOMINAL)
0x0F
61
MODULE THICKNESS (MAX)
0x11
62
REFERENCE RAW CARD ID
0x01
63
ADDRESS MAPPING EDGE CONECTOR TO DRAM
0x01
64-116
BYTES 64-116 RESEVED
0x00
117
MODULE MFR ID (LSB)
0x83
118
MODULE MFR ID (MSB)
0xDA
119
MODULE MFR LOCATION ID
0x01 (Switzerland)
0x02 (Germany)
0x03 (USA)
120
MODULE MFR YEAR
X
121
MODULE MFR WEEK
X
122-125
MODULE SERIAL NUMBER
X
126-127
CRC
0x8F93
0x3545
0x77ED
128-145
MODULE PART NUMBER
"SGU08G64B1BB2SA-xx"
146
MODULE DIE REV
X
147
MODULE PCB REV
X
148
DRAM DEVICE MFR ID (LSB)
0x80
149
DRAM DEVICE MFR (MSB)
0xCE
150-175
MFR RESERVED BYTES 150-175
0xFF
176-255
CUSTOMER RESERVED BYTES 176-255
0xFF
Part Number Code
S
G
U
08G
64
B1
B
B
2
SA
-
DC
*
R
1
2
3
4
5
6
7
8
9
10
11
12
13
*RoHs compl.
Swissbit AG
DDR3-1600MT/s
SDRAM DDR3 1.5V
240 Pin UDIMM
Chip Vendor (Samsung)
Capacity (8GB)
2 Module Ranks
Width (64bit)
Chip Rev. B
PCB-Type (B63URCB 0.70)
Chip organisation x8
* optional / additional information


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn