Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGU08G64B1BB2SA-BB[EW]R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part No. SGU08G64B1BB2SA-BB[EW]R
Description  8192MB DDR3 SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SGU08G64B1BB2SA-BB[EW]R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
preliminary
Data Sheet
Rev.0.9
26.03.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 12
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 16
SERIAL PRESENCE-DETECT MATRIX
Byte
Byte Description
12800 CL11 10600 CL9
8500 CL7
0
CRC RANGE, EEPROM BYTES, BYTES USED
0x92
1
SPD REVISON
0x11
2
DRAM DEVICE TYPE
0x0B
3
MODULE TYPE (FORM FACTOR)
0x02
4
SDRAM DEVICE DENSITY & BANKS
0x04
5
SDRAM DEVICE ROW & COLUMN COUNT
0x21
6
BYTE 6 RESERVED
0x00
7
MODULE RANKS & DEVICE DQ COUNT
0x09
8
ECC TAG & MODULE MEMORY BUS WIDTH
0x03
9
FINE TIMEBASE DIVIDEND/DIVISOR
0x11
10
MEDIUM TIMEBASE DIVIDEND
0x01
11
MEDIUM TIMEBASE DIVISOR
0x08
12
MIN SDRAM CYCLE TIME (tCK MIN)
0x0A
0x0C
0x0F
13
BYTE 13 RESERVED
0x00
14
CAS LATENCIES SUPPORTED (CL4 => CL11)
0xFE
0x3C
0x1C
15
CAS LATENCIES SUPPORTED (CL12 => CL18)
0x00
16
MIN CAS LATENCY TIME (tAA MIN)
0x69
17
MIN WRITE RECOVERY TIME (tWR MIN)
0x78
18
MIN RAS# TO CAS# DELAY (tRCD MIN)
0x69
19
MIN ROW ACTIVE TO ROW ACTIVE DELAY (tRRD MIN)
0x30
0x3C
20
MIN ROW PRECHARGE DELAY (tRP MIN)
0x69
21
UPPER NIBBLE FOR tRAS & tRC
0x11
22
MIN ACTIVE TO PRECHARGE DELAY (tRAS MIN)
0x18
0x20
0x2C
23
MIN ACTIVE TO ACTIVE/REFRESH DELAY (tRC MIN)
0x81
0x89
0x95
24
MIN REFRESH RECOVERY DELAY (tRFC MIN) LSB
0x20
25
MIN REFRESH RECOVERY DELAY (tRFC MIN) MSB
0x08
26
MIN INTERNAL WRITE TO READ CMD DELAY (tWTR MIN)
0x3C
27
MIN INTERNAL READ TO PRECHARGE CMD DELAY (tRTP MIN)
0x3C
28
MIN FOUR ACTIVE WINDOW DELAY (tFAW MIN) MSB
0x00
0x01
29
MIN FOUR ACTIVE WINDOW DELAY (tFAW MIN) LSB
0xF0
0x2C
30
SDRAM DEVICE OUTPUT DRIVERS SUPPORTED
0x83
31
SDRAM DEVICE THERMAL & REFRESH OPTIONS
0x01


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn