Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGU08G64B1BB2SA-BB[EW]R Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. SGU08G64B1BB2SA-BB[EW]R
Description  8192MB DDR3 SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SGU08G64B1BB2SA-BB[EW]R Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
preliminary
Data Sheet
Rev.0.9
26.03.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 11
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 16
DDR3 SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS (Continued)
(0°C ≤ TCASE ≤ + 85°C; VDDQ = +1.5V ± 0.075V, VDD = +1.5V ± 0.075V)
AC CHARACTERISTICS
12800 CL11
10600 CL9
8500 CL7
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
Unit
Exit reset from CKE HIGH to a
valid command
tXPR
max
5nCK,
tRFC + 10ns
-
max
5nCK,
tRFC + 10ns
-
max
5nCK,
tRFC + 10ns
-
tCK
Begin power supply ramp to
power supplies stable
tVDDPR
-
200
-
200
-
200
ms
RESET# LOW to power supplies
stable
tRPS
0
200
-
200
-
200
ms
RESET# LOW to I/O and RTT
High-Z
tIOz
-
20
-
20
-
20
ns
Exit precharge power-down to
any non-READ command
tXP
max
3nCK,6ns
-
max
3nCK,6ns
-
max
3nCK,7.5ns
-
tCK
CKE minimum high/low time
tCKE
max
3nCK,
5ns
-
max
3nCK,
5.625ns
-
max
3nCK,
5.625ns
-
tCK
Serial Presence-Detect EEPROM
SCL
SDA
SA2
SA2
SA1
SA1
SA0
SA0
EVENT
WP/
R2
0
Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn