Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGU08G64B1BB2SA-BB[EW]R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. SGU08G64B1BB2SA-BB[EW]R
Description  8192MB DDR3 SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SGU08G64B1BB2SA-BB[EW]R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
preliminary
Data Sheet
Rev.0.9
26.03.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 3
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 16
ODT0, ODT1
On-Die Termination
CK0
– CK1
Clock inputs, positive line
CK0# - CK1#
Clock inputs, negative line
VDD
Supply Voltage (1.5V± 0.075V)
VREFDQ
Reference voltage: DQ, DM (VDD/2)
VREFCA
Reference voltage: Control, command, and address (VDD/2)
VSS
Ground
VTT
Termination voltage: Used for control, command, and address (VDD/2).
VDDSPD
Serial EEPROM Positive Power Supply
SCL
Serial Clock for Presence Detect
SDA
Serial Data Out for Presence Detect
SA0
– SA2
Presence Detect Address Inputs
Event#
Temperature event: The EVENT# pin is asserted by the temperature sensor when critical
NC
No Connection
Pin Configuration
Frontside
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
1
VREFDQ
27
DQ18
49
NC(VTT)
75
VDD
101
VSS
2
VSS
28
DQ19
50
CKE0
76
S1#
102
DQS6#
3
DQ0
29
VSS
51
VDD
77
ODT1
103
DQS6
4
DQ1
30
DQ24
52
BA2
78
VDD
104
VSS
5
VSS
31
DQ25
53
NC(Err_Out#)
79
NC(S2#)
105
DQ50
6
DQS0#
32
VSS
54
VDD
80
VSS
106
DQ51
7
DQS0
33
DQS3#
55
A11
81
DQ32
107
VSS
8
VSS
34
DQS3
56
A7
82
DQ33
108
DQ56
9
DQ2
35
VSS
57
VDD
83
VSS
109
DQ57
10
DQ3
36
DQ26
58
A5
84
DQS4#
110
VSS
11
VSS
37
DQ27
59
A4
85
DQS4
111
DQS7#
12
DQ8
38
VSS
60
VDD
86
VSS
112
DQS7
13
DQ9
39
NC(CB0)
61
A2
87
DQ34
113
VSS
14
VSS
40
NC(CB1)
62
VDD
88
DQ35
114
DQ58
15
DQS1#
41
VSS
63
CK1
89
VSS
115
DQ59
16
DQS1
42
NC(DQS8#)
64
CK1#
90
DQ40
116
VSS
17
VSS
43
NC(DQS8)
65
VDD
91
DQ41
117
SA0
18
DQ10
44
VSS
66
VDD
92
VSS
118
SCL
19
DQ11
45
NC(CB2)
67
VREFCA
93
DQS5#
119
SA2
20
VSS
46
NC(CB3)
68
NC(Par_In)
94
DQS5
120
VTT
21
DQ16
47
VSS
69
VDD
95
VSS
22
DQ17
48
NC(VTT)
70
A10/ AP
96
DQ42
23
VSS
71
BA0
97
DQ43
24
DQS2#
72
VDD
98
VSS
25
DQS2
73
WE#
99
DQ48
26
VSS
74
CAS#
100
DQ49
Signals in brackets (…) may be connected at the DIMM socket, but are not used on the DIMM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn