Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2822E Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2822E
Description  Dual, Wideband, Low-Noise Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2822E Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2822E Datasheet HTML 6Page - Texas Instruments OPA2822E Datasheet HTML 7Page - Texas Instruments OPA2822E Datasheet HTML 8Page - Texas Instruments OPA2822E Datasheet HTML 9Page - Texas Instruments OPA2822E Datasheet HTML 10Page - Texas Instruments OPA2822E Datasheet HTML 11Page - Texas Instruments OPA2822E Datasheet HTML 12Page - Texas Instruments OPA2822E Datasheet HTML 13Page - Texas Instruments OPA2822E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
OPA2822
10
SBOS188E
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V
TA = +25°C, Differential Gain = 2, RF = 604Ω, and RL = 400Ω, unless otherwise noted.
1/2
OPA2822
RG
604
+6V
1/2
OPA2822
RG
RL
VI
604
VO
–6V
GD =
604
RG
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
DIFFERENTIAL SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
G
D = +1
G
D = +2
G
D = +5
G
D = +10
V
O = 200mVPP
12
9
6
3
0
–3
–6
–9
–12
–15
–18
DIFFERENTIAL LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
V
O = 200mVPP
V
O = 1VPP
V
O = 2VPP
G
D = 2
R
L = 400Ω
V
O = 5VPP
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
10
100
1k
–85
–90
–95
–100
–105
V
O = 4VPP
G
D = 2
f = 1MHz
2nd-Harmonic
3rd-Harmonic
–65
–75
–85
–95
–105
DIFFERENTIAL DISTORTION vs FREQUENCY
Frequency (MHz)
110
2nd-Harmonic
3rd-Harmonic
V
O = 4VPP
G
D = 2
R
L = 400Ω
–95
–100
–105
–110
–115
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Differential Output Voltage Swing (V
PP)
110
2nd-Harmonic
3rd-Harmonic
f = 1MHz
G
D = 2
R
L = 400Ω
DIFFERENTIAL PERFORMANCE
TEST CIRCUIT


Similar Part No. - OPA2822E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2822E/250 TI-OPA2822E/250 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822E/2K5 TI-OPA2822E/2K5 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
More results

Similar Description - OPA2822E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com