Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4222D Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4222D
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4222D Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button THS4222D Datasheet HTML 2Page - National Semiconductor (TI) THS4222D Datasheet HTML 3Page - National Semiconductor (TI) THS4222D Datasheet HTML 4Page - National Semiconductor (TI) THS4222D Datasheet HTML 5Page - National Semiconductor (TI) THS4222D Datasheet HTML 6Page - National Semiconductor (TI) THS4222D Datasheet HTML 7Page - National Semiconductor (TI) THS4222D Datasheet HTML 8Page - National Semiconductor (TI) THS4222D Datasheet HTML 9Page - National Semiconductor (TI) THS4222D Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS (continued)
VS = 5 V, RL = 499 Ω, and G = 1 unless otherwise noted
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25°C
25°C
0°C to
70°C
−40°C
to 85°C
UNITS
MIN/
MAX
POWER SUPPLY
Specified operating voltage
5
15
15
15
V
Max
Maximum quiescent current
Per channel
12
15
17
19
mA
Max
Power supply rejection (±PSRR)
70
62
60
60
dB
Min
POWER-DOWN CHARACTERISTICS
Maximum power-down current
PD ≤ REF +1.0 V, REF = 0 V,
Per channel
500
750
900
900
µA
Max
REF 0 V or VS
Enable
REF+1.8
V
Min
Power down voltage level(1)
REF = 0 V, or VS−
Power down
REF+1
V
Max
Power-down voltage level(1)
REF VS or floating
Enable
REF−1
V
Min
REF = VS+ or floating
Power down
REF−1.5
V
Max
Turnon time delay
50% of final value
200
ns
Typ
Turnoff time delay
50% of final value
500
ns
Typ
Input impedance
58
Typ
Isolation
f = 5 MHz
80
dB
Typ
(1) For detail information on the power-down circuit, refer to the powerdown section in the application information of this data sheet.


Similar Part No. - THS4222D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4222D TI-THS4222D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4222DG4 TI-THS4222DG4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4222DGK TI-THS4222DGK Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4222DGKG4 TI-THS4222DGKG4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4222DGN TI-THS4222DGN Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - THS4222D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027ARTZ AD-AD8027ARTZ Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com