Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7805AIHP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM7805AIHP
Description  ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM7805AIHP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM7805AIHP Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7805AIHP Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7805AIHP Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7805AIHP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.3 - 218
3.3
OM7800IH Series
ELECTRICAL CHARACTERISTICS 12 Volt V
IN = 19V, Io = 500mA, -55°C
TA 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
TA = 25°C
11.88
12.12
V
VIN = 14.5V to 27V
11.64
12.36
V
Line Regulation
VRLINE
VIN = 14.5V to 27V
18
mV
(Note 1)
50
mV
VIN = 16V to 22V
9
mV
30
mV
Load Regulation
VRLOAD
IO = 5mA to 1.5 Amp
32
mV
(Note 1)
60
mV
IO = 250mA to 750 mA
20
mV
40
mV
Standby Current Drain
ISCD
6.0
mA
6.5
mA
Standby Current Drain
D
ISCD
VIN = 15V to 30V
0.8
mA
Change With Line
(Line)
Standby Current Drain
D
ISCD
IO = 5mA to 1000mA
0.5
mA
Change With Load
(Load)
Dropout Voltage
VDO
D
VOUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current
IO (pk)
TA = 25°C
1.5
3.3
A
Short Circuit Current
IDS
VIN = 35V
1.2
A
(Note 2)
2.8
A
Ripple Rejection
D
VIN
f =120 Hz, DVIN = 10V
61
dB
D
VOUT
(Note 3)
54
dB
Output Noise Voltage
NO
TA = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
D
VOUT
TA = 25°C, t = 1000 hrs.
120
mV
(Note 3)
D
t
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. Short Circuit protection is only assured up to V
IN = 35V.
3. If not tested, shall be guaranteed to the specified limits.
The • denotes the specifications which apply over the full operating temperature range.
ELECTRICAL CHARACTERISTICS 5 Volt V
IN = 10V, Io = 500mA, -55°C
TA 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
TA = 25°C
4.92
5.08
V
VIN = 7.5V to 20V
4.85
5.15
V
Line Regulation
VRLINE
VIN = 7.5V to 20V
5
mV
(Note 1)
12
mV
VIN = 8.0V to 12V
4
mV
10
mV
Load Regulation
VRLOAD
IO = 5mA to 1.5 Amp
12
mV
(Note 1)
25
mV
IO = 250mA to 750 mA
6
mV
15
mV
Standby Current Drain
ISCD
6mA
6.5
mA
Standby Current Drain
D
ISCD
VIN = 7.5V to 20V
0.8
mA
Change With Line
(Line)
Standby Current Drain
D
ISCD
IO = 5mA to 1000mA
0.5
mA
Change With Load
(Load)
Dropout Voltage
VDO
TA = 25°C, DVOUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current
IO (pk)
TA = 25°C
1.5
3.3
A
Short Circuit Current
IDS
VIN = 35V
1.2
A
(Note 2)
2.8
A
Ripple Rejection
D
VIN
f =120 Hz, DVIN = 10V
66
dB
D
VOUT
(Note 3)
60
dB
Output Noise Voltage
NO
TA = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
D
VOUT
TA = 25°C, t = 1000 hrs.
75
mV
(Note 3)
D
t


Similar Part No. - OM7805AIHP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7805AIH IRF-OM7805AIH Datasheet
39Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
More results

Similar Description - OM7805AIHP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7800IH IRF-OM7800IH Datasheet
39Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7900IH ETC1-OM7900IH Datasheet
57Kb / 5P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE NEGATIVE REGULATORS
OM7611ST ETC-OM7611ST Datasheet
52Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
OM7611STM ETC2-OM7611STM Datasheet
47Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
OM1815STM ETC2-OM1815STM Datasheet
34Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OM7604ST ETC-OM7604ST Datasheet
44Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7662SC ETC2-OM7662SC Datasheet
40Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7662 ETC-OM7662 Datasheet
33Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7602 ETC-OM7602 Datasheet
35Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com