Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4211DRBT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4211DRBT
Description  LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4211DRBT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4211DRBT Datasheet HTML 1Page - National Semiconductor (TI) THS4211DRBT Datasheet HTML 2Page - National Semiconductor (TI) THS4211DRBT Datasheet HTML 3Page - National Semiconductor (TI) THS4211DRBT Datasheet HTML 4Page - National Semiconductor (TI) THS4211DRBT Datasheet HTML 5Page - National Semiconductor (TI) THS4211DRBT Datasheet HTML 6Page - National Semiconductor (TI) THS4211DRBT Datasheet HTML 7Page - National Semiconductor (TI) THS4211DRBT Datasheet HTML 8Page - National Semiconductor (TI) THS4211DRBT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
DGK-8
DGN-8
D-8
DRB-8
1
2
3
4
8
7
6
5
NC
IN-
IN+
VS-
NC
VS+
VOUT
NC
THS4211
_
+
392
+5 V
49.9
VI
-5 V
50
Ω Source
Low-Distortion, Wideband Application Circuit
NOTE: Power supply decoupling capacitors not shown
VO
392
50
THS4211
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
1
10
100
HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - MHz
Gain = 2
Rf = 392 Ω
RL = 150 Ω
VO = 2 VPP
VS = ±5 V
HD2
HD3
THS4211
THS4215
www.ti.com ................................................................................................................................... SLOS400E – SEPTEMBER 2002 – REVISED SEPTEMBER 2009
LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
Check for Samples: THS4211 THS4215
1
FEATURES
DESCRIPTION
23
Unity-Gain Stability
Wide Bandwidth: 1 GHz
The THS4211 and THS4215 are high slew rate,
unity-gain
stable,
voltage
feedback
amplifiers
High Slew Rate: 970 V/µs
designed to run from supply voltages as low as 5 V
Low Distortion:
and as high as 15 V. The THS4215 offers the same
–90 dBc THD at 30 MHz
performance as the THS4211 with the addition of
power-down capability. The combination of high slew
130-MHz Bandwidth (0.1 dB, G = 2)
rate, wide bandwidth, low distortion, and unity-gain
0.007% Differential Gain
stability
make
the
THS4211
and
THS4215
0.003° Differential Phase
high-performance
devices
across
multiple
ac
specifications.
High Output Drive, IO = 170 mA
Excellent Video Performance:
Designers using the THS4211 are rewarded with
higher dynamic range over a wider frequency band
130-MHz Bandwidth (0.1 dB, G = 2)
without the stability concerns of decompensated
0.007% Differential Gain
amplifiers. These devices are available in SOIC,
0.003° Differential Phase
MSOP with PowerPAD™, and leadless MSOP with
PowerPAD packages.
Supply Voltages
+5 V, ±5 V, +12 V, +15 V
RELATED DEVICES
Power Down Functionality (THS4215)
DEVICE
DESCRIPTION
Evaluation Module Available
THS4271
1.4-GHz voltage feedback amplifier
THS4503
Wideband, fully differential amplifier
APPLICATIONS
THS3202
Dual, wideband current feedback amplifier
High Linearity ADC Preamplifier
Differential to Single-Ended Conversion
DAC Output Buffer
Active Filtering
Video Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4211DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4211DRBT TI-THS4211DRBT Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4211DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4211 TI-THS4211 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com