Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4150IDGKRG4 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4150IDGKRG4
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4150IDGKRG4 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4150IDGKRG4 Datasheet HTML 1Page - National Semiconductor (TI) THS4150IDGKRG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4150IDGKRG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4150IDGKRG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4150IDGKRG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4150IDGKRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4150IDGKRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4150IDGKRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4150IDGKRG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs
TYPICAL CHARACTERISTICS
−20
−10
0
10
20
30
40
50
100 k
1 M
10 M
f − Frequency − Hz
100 M
1 G
G = 10
G = 5
G = 2
G = 1
VCC = ±5 V
VI = 22.5 mVRMS
G = 100
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
100k
1M
10M
100M
1G
f
Frequency
Hz
-
-
V
=5
CC
V
= 15
CC
±
V
= 5
CC
±
Gain=1
R =390
R =800
V =22.5mV
f
L
I
RMS
W
W
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
FIGURE
Small-signal frequency response
1, 2
Large-signal frequency response
3
Settling time
4
SR
Slew rate
vs Temperature
5
vs Frequency
6
Total harmonic distortion
vs Output voltage
7
vs Frequency
8–13
Harmonic distortion
vs Output voltage
14–17
Third intermodulation distortion
vs Output voltage
18
Vn
Voltage noise
vs Frequency
19
In
Current noise
vs Frequency
20
VO
Output voltage
vs Single-ended load resistance
21
Power supply current shutdown
vs Supply voltage
22
Output current range
vs Supply voltage
23
VOS
Single-ended output offset voltage
vs Common-mode output voltage
24
CMRR
Common-mode rejection ratio
vs Frequency
25
z
Impedance of the VOCM terminal
vs Frequency
26
zo
Output impedance (powered up)
vs Frequency
27
zo
Output impedance (shutdown)
vs Frequency
28
PSRR
Power-supply rejection ratio
vs Frequency
29
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4150 THS4151


Similar Part No. - THS4150IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4150ID TI-THS4150ID Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4150IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4150 TI-THS4150 Datasheet
563Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com