Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4082CDR Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4082CDR
Description  175 MHz High Speed AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4082CDR Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4082CDR Datasheet HTML 3Page - National Semiconductor (TI) THS4082CDR Datasheet HTML 4Page - National Semiconductor (TI) THS4082CDR Datasheet HTML 5Page - National Semiconductor (TI) THS4082CDR Datasheet HTML 6Page - National Semiconductor (TI) THS4082CDR Datasheet HTML 7Page - National Semiconductor (TI) THS4082CDR Datasheet HTML 8Page - National Semiconductor (TI) THS4082CDR Datasheet HTML 9Page - National Semiconductor (TI) THS4082CDR Datasheet HTML 10Page - National Semiconductor (TI) THS4082CDR Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
−20
0
20
40
60
80
100
OPEN LOOP GAIN
& PHASE RESPONSE
vs
FREQUENCY
f − Frequency − Hz
100
1k
1G
1M
10M
Phase
100M
100k
10k
VCC = ±5 V and ±15 V
Gain
45
°
0
°
−45
°
90
°
135
°
180
°
−225
°
Figure 4
−80
−60
−40
−20
0
20
CROSSTALK
vs
FREQUENCY
VCC = ±15 V
Gain = 1
RF = 0 Ω
RL = 150 Ω
f − Frequency − Hz
100k
1M
1G
10M
100M
Figure 5
−100
−90
−80
−70
−60
−50
−40
10.00
100.00
1000.00
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
10M
100k
1M
VCC = ± 15 V
Gain = 2
VO(PP) = 2 V
RL = 150 Ω
RL = 1 kΩ
Figure 6
−100
−90
−80
−70
−60
−50
−40
10.00
100.00
1000.00
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
10M
100k
1M
VCC = ± 5 V
Gain = 2
VO(PP) = 2 V
RL = 150 Ω
RL = 1 kΩ
Figure 7
10
50
90
130
170
210
250
290
330
2345
SETTLING
vs
OUTPUT STEP
VCC = ±5 V(0.01%)
VO − Output Step Voltage − V
VCC = ±15 V(0.01%)
VCC = ±5 V(0.1%)
VCC = ±15 V(0.1%)
Figure 8
−100
−80
−60
−40
−20
0
POWER SUPPLY REJECTION
RATIO
vs
FREQUENCY
f - Frequency - Hz
VCC = ± 15 V & ± 5 V
100M
10M
100k
1M
−VCC
+VCC
Figure 9
−100
−90
−80
−70
−60
−50
0
5
10
15
20
DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
VCC = ± 15 V
RL = 1 kΩ
Gain = 5
f = 1 MHz
2nd Harmonic
3rd Harmonic
Figure 10
−100
−90
−80
−70
−60
−50
0
5
10
15
20
DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
VCC = ± 15 V
RL = 150 Ω
Gain = 5
f = 1 MHz
2nd Harmonic
3rd Harmonic


Similar Part No. - THS4082CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4082CDR TI1-THS4082CDR Datasheet
947Kb / 32P
[Old version datasheet]   175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4082CDRG4 TI1-THS4082CDRG4 Datasheet
947Kb / 32P
[Old version datasheet]   175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
More results

Similar Description - THS4082CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4081 TI-THS4081 Datasheet
384Kb / 24P
[Old version datasheet]   175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4081IDGNR TI1-THS4081IDGNR Datasheet
947Kb / 32P
[Old version datasheet]   175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com