Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PX16-VMN6TP Datasheet(PDF) 29 Page - Numonyx B.V

Part # M25PX16-VMN6TP
Description  16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX16-VMN6TP Datasheet(HTML) 29 Page - Numonyx B.V

Back Button M25PX16-VMN6TP Datasheet HTML 25Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 26Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 27Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 28Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 29Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 30Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 31Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 32Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
M25PX16
Instructions
29/65
When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two
cases need to be considered, depending on the state of Write Protect (W/VPP):
If Write Protect (W/VPP) is driven High, it is possible to write to the Status Register
provided that the Write Enable Latch (WEL) bit has previously been set by a Write
Enable (WREN) instruction.
If Write Protect (W/VPP) is driven Low, it is not possible to write to the Status Register
even if the Write Enable Latch (WEL) bit has previously been set by a Write Enable
(WREN) instruction. (Attempts to write to the Status Register are rejected, and are not
accepted for execution). As a consequence, all the data bytes in the memory area that
are software protected (SPM) by the Block Protect (BP2, BP1, BP0) bits of the Status
Register, are also hardware protected against data modification.
Regardless of the order of the two events, the Hardware Protected mode (HPM) can be
entered:
by setting the Status Register Write Disable (SRWD) bit after driving Write Protect
(W/VPP) Low
or by driving Write Protect (W/VPP) Low after setting the Status Register Write Disable
(SRWD) bit.
The only way to exit the Hardware Protected mode (HPM) once entered is to pull Write
Protect (W/VPP) High.
If Write Protect (W/VPP) is permanently tied High, the Hardware Protected mode (HPM) can
never be activated, and only the Software Protected mode (SPM), using the Block Protect
(BP2, BP1, BP0) bits of the Status Register, can be used.
6.6
Read Data Bytes (READ)
The device is first selected by driving Chip Select (S) Low. The instruction code for the Read
Data Bytes (READ) instruction is followed by a 3-byte address (A23-A0), each bit being
latched-in during the rising edge of Serial Clock (C). Then the memory contents, at that
address, is shifted out on Serial Data output (DQ1), each bit being shifted out, at a
maximum frequency fR, during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 13.
The first byte addressed can be at any location. The address is automatically incremented
to the next higher address after each byte of data is shifted out. The whole memory can,
therefore, be read with a single Read Data Bytes (READ) instruction. When the highest
address is reached, the address counter rolls over to 000000h, allowing the read sequence
to be continued indefinitely.
The Read Data Bytes (READ) instruction is terminated by driving Chip Select (S) High. Chip
Select (S) can be driven High at any time during data output. Any Read Data Bytes (READ)
instruction, while an Erase, Program or Write cycle is in progress, is rejected without having
any effects on the cycle that is in progress.


Similar Part No. - M25PX16-VMN6TP

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16-VMW6TG MICRON-M25PX16-VMW6TG Datasheet
732Kb / 56P
   Micron M25PX16 Serial Flash Embedded Memory
More results

Similar Description - M25PX16-VMN6TP

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com