Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PX16-VMN6TP Datasheet(PDF) 25 Page - Numonyx B.V

Part # M25PX16-VMN6TP
Description  16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX16-VMN6TP Datasheet(HTML) 25 Page - Numonyx B.V

Back Button M25PX16-VMN6TP Datasheet HTML 21Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 22Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 23Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 24Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 25Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 26Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 27Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 28Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
M25PX16
Instructions
25/65
See Section 12: Ordering information on page 62 for CFD programmed devices.
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress, is
not decoded, and has no effect on the cycle that is in progress.
The Read Identification (RDID) instruction should not be issued while the device is in Deep
Power-down mode.
The device is first selected by driving Chip Select (S) Low. Then, the 8-bit instruction code
for the instruction is shifted in. After this, the 24-bit device identification, stored in the
memory, the 8-bit CFD length followed by 16 bytes of CFD content will be shifted out on
Serial Data output (DQ1). Each bit is shifted out during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 10.
The Read Identification (RDID) instruction is terminated by driving Chip Select (S) High at
any time during data output.
When Chip Select (S) is driven High, the device is put in the Standby Power mode. Once in
the Standby Power mode, the device waits to be selected, so that it can receive, decode and
execute instructions.
Figure 10.
Read Identification (RDID) instruction sequence and data-out sequence
6.4
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The
Status Register may be read at any time, even while a Program, Erase or Write Status
Register cycle is in progress. When one of these cycles is in progress, it is recommended to
check the Write In Progress (WIP) bit before sending a new instruction to the device. It is
also possible to read the Status Register continuously, as shown in Figure 11.
Table 6.
Read Identification (RDID) data-out sequence
Manufacturer identification
Device identification
UID
Memory type
Memory capacity
CFD length
CFD content
20h
71h
15h
10h
16 bytes
C
DQ0
S
2
13
456789 10 11 12 13 14 15
Instruction
0
AI06809d
DQ1
Manufacturer identification
High Impedance
MSB
Device identification
MSB
15 14 13
3
2
1
0
16 17 18
28 29 30 31
MSB
UID


Similar Part No. - M25PX16-VMN6TP

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16-VMW6TG MICRON-M25PX16-VMW6TG Datasheet
732Kb / 56P
   Micron M25PX16 Serial Flash Embedded Memory
More results

Similar Description - M25PX16-VMN6TP

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com