Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4061MFKB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4061MFKB
Description   180 MHz High Speed AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4061MFKB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4061MFKB Datasheet HTML 1Page - National Semiconductor (TI) THS4061MFKB Datasheet HTML 2Page - National Semiconductor (TI) THS4061MFKB Datasheet HTML 3Page - National Semiconductor (TI) THS4061MFKB Datasheet HTML 4Page - National Semiconductor (TI) THS4061MFKB Datasheet HTML 5Page - National Semiconductor (TI) THS4061MFKB Datasheet HTML 6Page - National Semiconductor (TI) THS4061MFKB Datasheet HTML 7Page - National Semiconductor (TI) THS4061MFKB Datasheet HTML 8Page - National Semiconductor (TI) THS4061MFKB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/2
THS4031/2
THS4061/2
290-MHz Low Distortion High-Speed Amplifiers
100-MHz Low Noise High Speed-Amplifiers
180-MHz High-Speed Amplifiers
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER OF
CHANNELS
PLASTIC
SMALL
OUTLINE†
(D)
PLASTIC
MSOP†
(DGN)
CERAMIC
DIP
(JG)
CHIP
CARRIER
(FK)
MSOP
SYMBOL
EVALUATION
MODULES
0
°C to
1
THS4061CD
THS4061CDGN
TIABS
THS4061EVM
0 C to
70
°C
2
THS4062CD
THS4062CDGN
TIABM
THS4062EVM
−40
°C to
1
THS4061ID
THS4061IDGN
TIABT
−40 C to
85
°C
2
THS4062ID
THS4062IDGN
TIABN
−55
°C to
125
°C
1
THS4061MJG
THS4061MFK
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4061CDGNR).
functional block diagram
OUT
8
6
1
IN−
IN+
2
3
Null
+
Figure 1. THS4061 − Single Channel
1OUT
1IN−
1IN+
VCC
2OUT
2IN−
2IN+
−VCC
8
6
1
2
3
5
7
4
+
+
Figure 2. THS4062 − Dual Channel


Similar Part No. - THS4061MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061MFKB TI-THS4061MFKB Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061MFKB TI1-THS4061MFKB Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com