Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4061IDR Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4061IDR
Description   180 MHz High Speed AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4061IDR Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4061IDR Datasheet HTML 3Page - National Semiconductor (TI) THS4061IDR Datasheet HTML 4Page - National Semiconductor (TI) THS4061IDR Datasheet HTML 5Page - National Semiconductor (TI) THS4061IDR Datasheet HTML 6Page - National Semiconductor (TI) THS4061IDR Datasheet HTML 7Page - National Semiconductor (TI) THS4061IDR Datasheet HTML 8Page - National Semiconductor (TI) THS4061IDR Datasheet HTML 9Page - National Semiconductor (TI) THS4061IDR Datasheet HTML 10Page - National Semiconductor (TI) THS4061IDR Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = full range, VCC = ±15 V, RL = 1 kΩ (unless otherwise noted)
(continued)
input characteristics
PARAMETER
TEST CONDITIONS†
THS4061M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common-mode input voltage range
VCC = ±15 V
±13.8 ±14.1
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
CMRR
Common mode rejection ratio
VCC = ±15 V,
VICR = ±12 V
70
86
dB
CMRR
Common mode rejection ratio
VCC = ±5 V,
VICR = ±2.5 V
80
90
dB
RI
Input resistance
1
M
Ci
Input capacitance
2
pF
† Full range = −55°C to 125°C for M suffix
output characteristics
PARAMETER
TEST CONDITIONS†
THS4061M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 250 Ω
±12 ±13.1
V
VO
Output voltage swing
VCC = ±5 V
RL = 150 Ω
±3.2
±3.5
V
VO
Output voltage swing
VCC = ±15 V
RL = 1 kΩ
±13 ±13.5
V
VCC = ±5 V
RL = 1 kΩ
±3.5
±3.7
V
IO
Output current
VCC = ±15 V
RL = 20 Ω
70
115
mA
IO
Output current
VCC = ±5 V
RL = 20 Ω
50
75
mA
ISC
Short-circuit current
VCC = ±15 V
TA = 25°C
150
mA
RO
Output resistance
Open loop
12
† Full range = −55°C to 125°C for M suffix
power supply
PARAMETER
TEST CONDITIONS†
THS4061M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ±15 V
TA = 25°C
7.8
9
ICC
Quiescent current
VCC = ±5 V
TA = 25°C
7.3
8.5
mA
ICC
Quiescent current
VCC = ±15 V
TA = full range
11
mA
VCC = ±5 V
TA = full range
10.5
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = 25°C
76
80
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
74
78
dB
† Full range = −55°C to 125°C for M suffix


Similar Part No. - THS4061IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061IDR TI-THS4061IDR Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061IDR TI1-THS4061IDR Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061IDRG4 TI-THS4061IDRG4 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061IDRG4 TI1-THS4061IDRG4 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com