Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMN-3306S Datasheet(PDF) 3 Page - Sanken electric

Part # FMN-3306S
Description  Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMN-3306S Datasheet(HTML) 3 Page - Sanken electric

  FMN-3306S Datasheet HTML 1Page - Sanken electric FMN-3306S Datasheet HTML 2Page - Sanken electric FMN-3306S Datasheet HTML 3Page - Sanken electric FMN-3306S Datasheet HTML 4Page - Sanken electric FMN-3306S Datasheet HTML 5Page - Sanken electric FMN-3306S Datasheet HTML 6Page - Sanken electric FMN-3306S Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Fast Recovery Diode
FMN-3306S
SANKEN ELECTRIC CO.,LTD.
Mar/21/2011
Rev.0.1
3
Characteristics
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0
2
4
6
8
10
12
0
100
200
300
400
500
600
Average Forward Current Forward Power Dissipation
IF(AV) − PF
Tj=150℃
t
T
Average Forward Current
IF(AV) (A)
t/T=1/6
t/T=1/3,sinewave
t/T=1/2
DC
Reverse Voltage Reverse Power Dissipation
VR − PR
Reverse Voltage
VR (V)
Tj=150℃
t
T
1-t/T=5/6
sinewave
1-t/T=2/3
1-t/T=1/2


Similar Part No. - FMN-3306S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMN-1056S SANKEN-FMN-1056S Datasheet
167Kb / 4P
   Silicon Diode
FMN-1106S SANKEN-FMN-1106S Datasheet
137Kb / 5P
   Silicon Diode
FMN-1106S SANKEN-FMN-1106S Datasheet
138Kb / 5P
   Silicon Diode
FMN-1206S SANKEN-FMN-1206S Datasheet
170Kb / 7P
   Fast Recovery Diode
FMN-2206S SANKEN-FMN-2206S Datasheet
149Kb / 5P
   Silicon Diode
More results

Similar Description - FMN-3306S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com