Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU7440PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFU7440PBF
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU7440PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFU7440PBF Datasheet HTML 1Page - International Rectifier IRFU7440PBF Datasheet HTML 2Page - International Rectifier IRFU7440PBF Datasheet HTML 3Page - International Rectifier IRFU7440PBF Datasheet HTML 4Page - International Rectifier IRFU7440PBF Datasheet HTML 5Page - International Rectifier IRFU7440PBF Datasheet HTML 6Page - International Rectifier IRFU7440PBF Datasheet HTML 7Page - International Rectifier IRFU7440PBF Datasheet HTML 8Page - International Rectifier IRFU7440PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRFR/U7440PbF
5
www.irf.com
© 2012 International Rectifier
October 17, 2012
Fig 10. Maximum Safe Operating Area
Fig 11. Drain-to-Source Breakdown Voltage
Fig 9. Typical Source-Drain Diode
Forward Voltage
Fig 12. Typical COSS Stored Energy
Fig 13. Typical On-Resistance vs. Drain Current
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
40
41
42
43
44
45
46
47
48
49
Id = 1.0mA
0
10
20
30
40
VDS, Drain-to-Source Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
20 40 60 80 100 120 140 160 180 200
ID, Drain Current (A)
0.0
2.0
4.0
6.0
8.0
10.0
VGS = 5.5V
VGS = 6.0V
VGS = 7.0V
VGS = 8.0V
VGS =10V
0.1
1
10
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
100μsec
DC
Limited by Package
OPERATION IN THIS AREA
LIMITED BY RDS(on)


Similar Part No. - IRFU7440PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFU7440 ISC-IRFU7440 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com