Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4042CDGNRG4 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4042CDGNRG4
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4042CDGNRG4 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button THS4042CDGNRG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4042CDGNRG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4042CDGNRG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4042CDGNRG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4042CDGNRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4042CDGNRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4042CDGNRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4042CDGNRG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4042CDGNRG4 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
OPEN LOOP GAIN AND
PHASE RESPONSE
vs
FREQUENCY
f − Frequency − Hz
1M
100k
1k
10k
−60
0
−150
−30
−90
−120
−180
10M
1G
100M
VCC = ±15 V and ±5 V
Gain
Phase
100
80
60
40
−20
20
0
Figure 4
1
0
−1
−2
−3
−6
−4
−5
2
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
100M
10M
100k
1M
1G
VCC = ±15 V
Gain = 1
RF = 200 Ω
VO = 0.2 Vrms
RL = 150 Ω
RL = 1 kΩ
Figure 5
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
1G
10M
100k
1M
100M
RL = 150 Ω
RL = 1 kΩ
0.3
0.2
0.1
−0.0
−0.1
−0.4
−0.2
−0.3
0.4
VCC = ±15 V
Gain = 1
RF = 200 Ω
VO = 0.2 Vrms
Figure 6
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
VCC = ±15 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
VO(PP)=62 mV
−2
−10
−6
10
4
2
0
−8
8
−4
6
CL = 1000 pF
CL = 0.1 µF
CL = 0 pF
CL = 100 pF
Figure 7
4
2
0
−2
−4
−10
−6
−8
6
8
10
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
VCC = ±15 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
VO(PP)=62 mV
CL = 10 pF
CL = 0.01 µF
Figure 8
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
VCC = ±5 V
Gain = 1
RF = 200 Ω
VO = 0.2 Vrms
100M
RL = 150 Ω
RL = 1 kΩ
2
0
−1
−2
−3
−6
−4
−5
1
Figure 9
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
VCC = ±5 V
Gain = 1
RF = 200 Ω
VO = 0.2 Vrms
100M
RL = 150 Ω
RL = 1 kΩ
0.4
0.2
0.1
−0.0
−0.1
−0.4
−0.2
−0.3
0.3
Figure 10
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
CL = 1000 pF
CL = 0.1 µF
VCC = ±5 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
4
2
0
−2
−4
−10
−6
−8
6
8
10
VO(PP)=62 mV
CL = 0 pF
CL = 100 pF
Figure 11
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
VCC = ±5 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
VO(PP)=62 mV
CL = 10 pF
CL = 0.01 µF
10
2
0
−2
−4
−10
−6
−8
4
6
8


Similar Part No. - THS4042CDGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4042CDGNRG4 TI-THS4042CDGNRG4 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4042CDGNRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
[Old version datasheet]   165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4001 TI-THS4001 Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
THS4001CDR TI1-THS4001CDR Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
ADV7513 AD-ADV7513 Datasheet
207Kb / 12P
   165 MHz, High Performance
REV. 0
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
   Quad 60 MHz High Speed Operational Amplifier
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
   Dual, 500 MHz High Speed, Operational Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com