Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4012CDGN Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CDGN
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CDGN Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4012CDGN Datasheet HTML 3Page - National Semiconductor (TI) THS4012CDGN Datasheet HTML 4Page - National Semiconductor (TI) THS4012CDGN Datasheet HTML 5Page - National Semiconductor (TI) THS4012CDGN Datasheet HTML 6Page - National Semiconductor (TI) THS4012CDGN Datasheet HTML 7Page - National Semiconductor (TI) THS4012CDGN Datasheet HTML 8Page - National Semiconductor (TI) THS4012CDGN Datasheet HTML 9Page - National Semiconductor (TI) THS4012CDGN Datasheet HTML 10Page - National Semiconductor (TI) THS4012CDGN Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
THS4011
THS4012
www.ti.com
SLOS216E – JUNE 1999 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS (Continued)
VCC = ±15 V, RL = 150 Ω, TA = 25°C (unless otherwise noted)
THS4011M
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
DYNAMIC PERFORMANCE
Unit-gain bandwidth
Closed loop, RL = 1 kΩ,
VCC = ±15 V
160(2)
200
VCC = ±15 V
70
Bandwidth for 0.1-dB flatness Gain = 1
VCC = ±5 V
35
MHz
BW
VCC = ±2.5 V
30
VCC = ±15 V, RL = 150 Ω,
VO(PP) = 20 V
2.5
Full-power bandwidth(3)
VCC = ±5 V, RL = 150 Ω,
VO(PP) = 20 V
8
SR
Slew rate
VCC = ±15 V, RL = 1 kΩ
300(2)
400
V/ms
VCC = ±15 V
37
Settling time to 0.1%
VI = –2.5 to 2.5 V, Gain = –1
VCC = ±5 V
35
ts
ns
VCC = ±15 V
90
Settling time to 0.01%
VI = –2.5 to 2.5 V, Gain = –1
VCC = ±5 V
70
NOISE/DISTORTION PERFORMANCE
THD
Total harmonic distortion
VCC = ±15 V, fc = 1 MHz, VO(PP) = 1 V
–80
dBc
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
f = 10 kHz
7.5
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
f = 10 kHz
1
pA/
√Hz
VCC = ±15 V
0.006%
Differential gain error
Gain = 2, RL = 150 Ω, NTSC
VCC = ±5 V
0.001%
VCC = ±15 V
0.01°
Differential phase error
Gain = 2, RL = 150 Ω, NTSC
VCC = ±5 V
0.002°
(1)
Full range = –55°C to 125°C for the M suffix
(2)
This parameter is not tested.
(3)
Full-power bandwidth = Slew rate/2p VO(peak)
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4011 THS4012


Similar Part No. - THS4012CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4012CDGN TI-THS4012CDGN Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGN TI-THS4012CDGN Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGN TI1-THS4012CDGN Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNG4 TI-THS4012CDGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNG4 TI1-THS4012CDGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4012CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com