Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3710ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFR3710ZPBF
Description  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3710ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFR3710ZPBF Datasheet HTML 1Page - International Rectifier IRFR3710ZPBF Datasheet HTML 2Page - International Rectifier IRFR3710ZPBF Datasheet HTML 3Page - International Rectifier IRFR3710ZPBF Datasheet HTML 4Page - International Rectifier IRFR3710ZPBF Datasheet HTML 5Page - International Rectifier IRFR3710ZPBF Datasheet HTML 6Page - International Rectifier IRFR3710ZPBF Datasheet HTML 7Page - International Rectifier IRFR3710ZPBF Datasheet HTML 8Page - International Rectifier IRFR3710ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IRFR3710ZPbF
IRFU3710ZPbF
IRFU3710Z-701PbF
HEXFET® Power MOSFET
VDSS = 100V
RDS(on) = 18mΩ
ID = 42A
09/27/10
www.irf.com
1
This HEXFET® Power MOSFET utilizes the
latestprocessingtechniquestoachieveextremely
low on-resistance per silicon area. Additional
features of this design are a 175°C junction
operating temperature, fast switching speed and
improved repetitive avalanche rating . These
featurescombinetomakethisdesignanextremely
efficient and reliable device for use in a wide
variety of applications.
S
D
G
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Multiple Package Options
l
Lead-Free
Features
HEXFET® is a registered trademark of International Rectifier.
I-Pak Leadform 701
IRFU3710Z-701PbF
Refer to page 11 for package outline
D-Pak
IRFR3710ZPbF
I-Pak
IRFU3710ZPbF
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energy
d
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.05
RθJA
Junction-to-Ambient (PCB mount)
i
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
-55 to + 175
300 (1.6mm from case )
140
0.95
± 20
Max.
56
39
220
42
200
150
See Fig.12a, 12b, 15, 16
PD - 95513D


Similar Part No. - IRFR3710ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3710ZPBF IRF-IRFR3710ZPBF Datasheet
275Kb / 11P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR3710ZPBF KERSEMI-IRFR3710ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
IRFR3710ZPBF KERSEMI-IRFR3710ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
IRFR3710ZPBF KERSEMI-IRFR3710ZPBF Datasheet
4Mb / 12P
   HEXFET Power MOSFET
logo
International Rectifier
IRFR3710ZPBF IRF-IRFR3710ZPBF Datasheet
365Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRFR3710ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com