Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGU04G64A1BE1MT-BBR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SGU04G64A1BE1MT-BBR
Description  4096MB DDR3 ??SDRAM UDIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGU04G64A1BE1MT-BBR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SGU04G64A1BE1MT-BBR Datasheet HTML 4Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-BBR Datasheet HTML 5Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-BBR Datasheet HTML 6Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-BBR Datasheet HTML 7Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-BBR Datasheet HTML 8Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-BBR Datasheet HTML 9Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-BBR Datasheet HTML 10Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-BBR Datasheet HTML 11Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-BBR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
preliminary
Data Sheet
Rev.0.9
22.07.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 8
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 16
Parameter
& Test Condition
max.
Symbol 12800-CL11
10600-CL9
8700-CL7
Unit
OPERATING WRITE CURRENT:
All device banks open, Continuous burst writes; One
module rank active; BL = 4, CL = CL (IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS MAX (IDD), tRP = tRP (IDD);
CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are changing once every two clock
cycles; DQ inputs changing once per clock cycle
IDD4W
1000
880
760
mA
BURST REFRESH CURRENT:
tCK = tCK (IDD); refresh command at every tRFC (IDD)
interval, CKE is HIGH, CS# is HIGH between valid
commands; All other Control and Address bus inputs
are changing once every two clock cycles; DQ inputs
changing once per clock cycle
IDD5
1240
1184
1152
mA
SELF REFRESH CURRENT:
CK and CK# at 0V; CKE ≤ 0.2V; All other Control and
Address bus inputs are floating at VREF; DQ’s are
floating at VREF
IDD6
160
160
160
mA
OPERATING CURRENT*) :
Four device bank interleaving READs,
IOUT = 0mA; BL = 4,
CL = CL (IDD), AL = tRCD (IDD) – 1 x tCK (IDD); tCK = tCK
(IDD), tRC = tRC (IDD), tRRD = tRRD (IDD), tRCD = tRCD (IDD);
CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are not changing during
DESELECT; DQ inputs changing once per clock cycle
IDD7
1760
1520
1280
mA
*) Value calculated as one module rank in this operating condition, and all other module ranks in IDD2P (CKE LOW)
mode.
TIMING VALUES USED FOR IDD MEASUREMENT
IDD MEASUREMENT CONDITIONS
SYMBOL
12800-CL11
10600-CL9
8700-CL7
Unit
CL (IDD)
11
9
7
tCK
tRCD (IDD)
13.75
13.5
13.125
ns
tRC (IDD)
48.75
49.5
50.625
ns
tRRD (IDD)
6
6
7.5
ns
tCK (IDD)
1.25
1.5
1.875
ns
tRAS MIN (IDD)
35
36
37.5
ns
tRAS MAX (IDD)
70’200
70’200
70’200
ns
tRP (IDD)
13.75
13.5
13.1
ns
tRFC (IDD)
260
260
260
ns


Similar Part No. - SGU04G64A1BE1MT-BBR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU04G64B1BD2SA-BB[W]R ETC-SGU04G64B1BD2SA-BB[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
SGU04G64B1BD2SA-CC[W]R ETC-SGU04G64B1BD2SA-CC[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
SGU04G64B1BD2SA-DC[W]R ETC-SGU04G64B1BD2SA-DC[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
More results

Similar Description - SGU04G64A1BE1MT-BBR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU04G72J1BB1SA-BB[EW]RT ETC-SGU04G72J1BB1SA-BB[EW]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
SGU04G72F1BB1SA-BBRT ETC-SGU04G72F1BB1SA-BBRT Datasheet
722Kb / 17P
   4096MB DDR3 . SDRAM ECC UDIMM
SGN04G72G1BK2MT-CC[EW]RT ETC2-SGN04G72G1BK2MT-CC[EW]RT Datasheet
683Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-UDIMM
SGL04G72B1BQ2SA-BBRT ETC2-SGL04G72B1BQ2SA-BBRT Datasheet
747Kb / 18P
   4096MB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
SGL04G72C1BB1SA-CCRT ETC2-SGL04G72C1BB1SA-CCRT Datasheet
662Kb / 17P
   4096MB DDR3 ??SDRAM unbuffered ECC VLP Mini-UDIMM
SGU04G64B1BD2SA-BB[W]R ETC-SGU04G64B1BD2SA-BB[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
SGU02G64A1BK1MT-BB[EW]R ETC2-SGU02G64A1BK1MT-BB[EW]R Datasheet
633Kb / 16P
   2048MB DDR3 ??SDRAM UDIMM
SGU02G64A1BD1SA-BBR ETC2-SGU02G64A1BD1SA-BBR Datasheet
589Kb / 16P
   2048MB DDR3 . SDRAM UDIMM
SGU01G64A1BG1SA-BBR ETC2-SGU01G64A1BG1SA-BBR Datasheet
638Kb / 16P
   1024MB DDR3 . SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com