Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4041CDRG4 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4041CDRG4
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4041CDRG4 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4041CDRG4 Datasheet HTML 1Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 250 Ω
±11.5
±13
V
VO
Output voltage swing
VCC = ±5 V
RL = 150 Ω
±3.2
±3.5
V
VO
Output voltage swing
VCC = ±15 V
RL = 1 kΩ
±13 ±13.6
V
VCC = ±5 V
RL = 1 kΩ
±3.5
±3.8
V
IO
Output current‡
VCC = ±15 V
RL = 20 Ω
80
100
mA
IO
Output current‡
VCC = ±5 V
RL = 20 Ω
50
65
mA
ISC
Short-circuit current‡
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
‡ Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.
power supply
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ±15 V
TA = 25°C
8
9.5
ICC
Supply current (per amplifier)
VCC = ±15 V
TA = full range
11
mA
ICC
Supply current (per amplifier)
VCC = ±5 V
TA = 25°C
7
8.5
mA
VCC = ±5 V
TA = full range
10
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = 25°C
75
84
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
70
dB
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix


Similar Part No. - THS4041CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4041CDRG4 TI-THS4041CDRG4 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4041CDRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
[Old version datasheet]   165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4001 TI-THS4001 Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
THS4001CDR TI1-THS4001CDR Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
ADV7513 AD-ADV7513 Datasheet
207Kb / 12P
   165 MHz, High Performance
REV. 0
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
   Quad 60 MHz High Speed Operational Amplifier
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
   Dual, 500 MHz High Speed, Operational Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com