Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGU02G72H1BG2SA-BBRT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SGU02G72H1BG2SA-BBRT
Description  2048MB DDR3 ??SDRAM Ultra Low Profile ECC DIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGU02G72H1BG2SA-BBRT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SGU02G72H1BG2SA-BBRT Datasheet HTML 4Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 9Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 10Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 11Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
Rev.1.0
04.02.2011
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 8
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 15
Parameter
& Test Condition
Symbol
max.
Unit
10600-999
8500-777
OPERATING WRITE CURRENT:
All device banks open, Continuous burst writes; One
module rank active; BL = 4, CL = CL (IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS MAX (IDD), tRP = tRP (IDD);
CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are changing once every two clock
cycles; DQ inputs changing once per clock cycle
IDD4W
720
630
mA
BURST REFRESH CURRENT:
tCK = tCK (IDD); refresh command at every tRFC (IDD)
interval, CKE is HIGH, CS# is HIGH between valid
commands; All other Control and Address bus inputs
are changing once every two clock cycles; DQ inputs
changing once per clock cycle
IDD5
1620
1530
mA
SELF REFRESH CURRENT:
CK and CK# at 0V; CKE ≤ 0.2V; All other Control and
Address bus inputs are floating at VREF; DQ’s are
floating at VREF
IDD6
180
180
mA
OPERATING CURRENT*) :
Four device bank interleaving READs,
IOUT = 0mA; BL = 4,
CL = CL (IDD), AL = tRCD (IDD) – 1 x tCK (IDD); tCK = tCK
(IDD), tRC = tRC (IDD), tRRD = tRRD (IDD), tRCD = tRCD (IDD);
CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are not changing during
DESELECT; DQ inputs changing once per clock cycle
IDD7
1260
1035
mA
*) Value calculated as one module rank in this operating condition, and all other module ranks in IDD2P (CKE LOW)
mode.
TIMING VALUES USED FOR IDD MEASUREMENT
IDD MEASUREMENT CONDITIONS
SYMBOL
10600-999
8500-777
Unit
CL (IDD)
9
7
tCK
tRCD (IDD)
13.5
13.125
ns
tRC (IDD)
49.5
50.625
ns
tRRD (IDD)
6
7.5
ns
tCK (IDD)
1.5
1.87
ns
tRAS MIN (IDD)
36
37.5
ns
tRAS MAX (IDD)
70
’200
70’200
ns
tRP (IDD)
13.5
13.125
ns
tRFC (IDD)
110
110
ns


Similar Part No. - SGU02G72H1BG2SA-BBRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU02G72H1BG2MT-BB[EW]RT ETC-SGU02G72H1BG2MT-BB[EW]RT Datasheet
662Kb / 17P
   2048MB DDR3 . SDRAM Ultra Low Profile ECC DIMM
SGU02G72H1BG2MT-CC[E/W]RT ETC-SGU02G72H1BG2MT-CC[E/W]RT Datasheet
662Kb / 17P
   2048MB DDR3 . SDRAM Ultra Low Profile ECC DIMM
SGU02G72H1BG2MT-DC[E/W]RT ETC-SGU02G72H1BG2MT-DC[E/W]RT Datasheet
662Kb / 17P
   2048MB DDR3 . SDRAM Ultra Low Profile ECC DIMM
More results

Similar Description - SGU02G72H1BG2SA-BBRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU02G72H1BG2MT-BB[EW]RT ETC-SGU02G72H1BG2MT-BB[EW]RT Datasheet
662Kb / 17P
   2048MB DDR3 . SDRAM Ultra Low Profile ECC DIMM
SGN02G72F1BK1MT-BB[EW]RT ETC2-SGN02G72F1BK1MT-BB[EW]RT Datasheet
700Kb / 17P
   2048MB DDR3 ??SDRAM ECC SO-DIMM
SGN02G72G1BG2SA-BB[EW]RT ETC2-SGN02G72G1BG2SA-BB[EW]RT Datasheet
574Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-DIMM
SGU04G72H1BD2SA-BB[EW]RT ETC-SGU04G72H1BD2SA-BB[EW]RT Datasheet
647Kb / 17P
   4096MB DDR3 ??SDRAM Ultra Low Profile ECC DIMM
SGU02G64B1BG2SA-BB[EIW]R ETC-SGU02G64B1BG2SA-BB[EIW]R Datasheet
467Kb / 14P
   2048MB DDR3 ??SDRAM DIMM
SGN02G64E1BG2MT-BB[EW]RT ETC2-SGN02G64E1BG2MT-BB[EW]RT Datasheet
546Kb / 15P
   2048MB DDR3 ??SDRAM SO-DIMM
SGN02G72F1BD1SA-BB[EW]RT ETC2-SGN02G72F1BD1SA-BB[EW]RT Datasheet
560Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-UDIMM
SGN02G64D2BD1SA-BB[EW]RT ETC2-SGN02G64D2BD1SA-BB[EW]RT Datasheet
751Kb / 17P
   2048MB DDR3 ??SDRAM SO-DIMM
SGV02G72A1BD1SA-BB[W]RT ETC-SGV02G72A1BD1SA-BB[W]RT Datasheet
743Kb / 16P
   2048MB DDR3 ??SDRAM ECC XR-DIMMTM
SGN02G64D2BQ1SA-BB[EW]RT ETC2-SGN02G64D2BQ1SA-BB[EW]RT Datasheet
746Kb / 17P
   2048MB DDR3 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com