Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGU02G72H1BG2SA-BBRT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SGU02G72H1BG2SA-BBRT
Description  2048MB DDR3 ??SDRAM Ultra Low Profile ECC DIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGU02G72H1BG2SA-BBRT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SGU02G72H1BG2SA-BBRT Datasheet HTML 1Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 2Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 3Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 4Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SGU02G72H1BG2SA-BBRT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
Rev.1.0
04.02.2011
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 3
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 15
CK0# - CK1#
Clock Inputs, negative line
Event#
Temperature event: The EVENT# pin is asserted by the temperature sensor when critical
VDD
Supply Voltage (1.5V± 0.075V)
VREFDQ
Reference voltage: DQ, DM (VDD/2)
VREFCA
Reference voltage: Control, command, and address (VDD/2)
VSS
Ground
VTT
Termination voltage: Used for control, command, and address (VDD/2).
VDDSPD
Serial EEPROM Positive Power Supply
SCL
Serial Clock for Presence Detect
SDA
Serial Data Out for Presence Detect
SA0
– SA2
Presence Detect Address Inputs
ODT0, ODT1
On-Die Termination
NC
No Connection
Pin Configuration
Frontside
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
1
VREFDQ
27
DQ18
49
NC
75
VDD
101
VSS
2
VSS
28
DQ19
50
CKE0
76
S1#
102
DQS6#
3
DQ0
29
VSS
51
VDD
77
ODT1
103
DQS6
4
DQ1
30
DQ24
52
BA2
78
VDD
104
VSS
5
VSS
31
DQ25
53
NC(Err_Out#)
79
NC(S2#)
105
DQ50
6
DQS0#
32
VSS
54
VDD
80
VSS
106
DQ51
7
DQS0
33
DQS3#
55
A11
81
DQ32
107
VSS
8
VSS
34
DQS3
56
A7
82
DQ33
108
DQ56
9
DQ2
35
VSS
57
VDD
83
VSS
109
DQ57
10
DQ3
36
DQ26
58
A5
84
DQS4#
110
VSS
11
VSS
37
DQ27
59
A4
85
DQS4
111
DQS7#
12
DQ8
38
VSS
60
VDD
86
VSS
112
DQS7
13
DQ9
39
CB0
61
A2
87
DQ34
113
VSS
14
VSS
40
CB1
62
VDD
88
DQ35
114
DQ58
15
DQS1#
41
VSS
63
CK1
89
VSS
115
DQ59
16
DQS1
42
DQS8#
64
CK1#
90
DQ40
116
VSS
17
VSS
43
DQS8
65
VDD
91
DQ41
117
SA0
18
DQ10
44
VSS
66
VDD
92
VSS
118
SCL
19
DQ11
45
CB2
67
VREFCA
93
DQS5#
119
SA2
20
VSS
46
CB3
68
NC(Par_In)
94
DQS5
120
VTT
21
DQ16
47
VSS
69
VDD
95
VSS
22
DQ17
48
NC
70
A10/ AP
96
DQ42
23
VSS
71
BA0
97
DQ43
24
DQS2#
72
VDD
98
VSS
25
DQS2
73
WE#
99
DQ48
26
VSS
74
CAS#
100
DQ49
Signals in brackets (…) may be connected at the DIMM socket, but are not used on the DIMM


Similar Part No. - SGU02G72H1BG2SA-BBRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU02G72H1BG2MT-BB[EW]RT ETC-SGU02G72H1BG2MT-BB[EW]RT Datasheet
662Kb / 17P
   2048MB DDR3 . SDRAM Ultra Low Profile ECC DIMM
SGU02G72H1BG2MT-CC[E/W]RT ETC-SGU02G72H1BG2MT-CC[E/W]RT Datasheet
662Kb / 17P
   2048MB DDR3 . SDRAM Ultra Low Profile ECC DIMM
SGU02G72H1BG2MT-DC[E/W]RT ETC-SGU02G72H1BG2MT-DC[E/W]RT Datasheet
662Kb / 17P
   2048MB DDR3 . SDRAM Ultra Low Profile ECC DIMM
More results

Similar Description - SGU02G72H1BG2SA-BBRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU02G72H1BG2MT-BB[EW]RT ETC-SGU02G72H1BG2MT-BB[EW]RT Datasheet
662Kb / 17P
   2048MB DDR3 . SDRAM Ultra Low Profile ECC DIMM
SGN02G72F1BK1MT-BB[EW]RT ETC2-SGN02G72F1BK1MT-BB[EW]RT Datasheet
700Kb / 17P
   2048MB DDR3 ??SDRAM ECC SO-DIMM
SGN02G72G1BG2SA-BB[EW]RT ETC2-SGN02G72G1BG2SA-BB[EW]RT Datasheet
574Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-DIMM
SGU04G72H1BD2SA-BB[EW]RT ETC-SGU04G72H1BD2SA-BB[EW]RT Datasheet
647Kb / 17P
   4096MB DDR3 ??SDRAM Ultra Low Profile ECC DIMM
SGU02G64B1BG2SA-BB[EIW]R ETC-SGU02G64B1BG2SA-BB[EIW]R Datasheet
467Kb / 14P
   2048MB DDR3 ??SDRAM DIMM
SGN02G64E1BG2MT-BB[EW]RT ETC2-SGN02G64E1BG2MT-BB[EW]RT Datasheet
546Kb / 15P
   2048MB DDR3 ??SDRAM SO-DIMM
SGN02G72F1BD1SA-BB[EW]RT ETC2-SGN02G72F1BD1SA-BB[EW]RT Datasheet
560Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-UDIMM
SGN02G64D2BD1SA-BB[EW]RT ETC2-SGN02G64D2BD1SA-BB[EW]RT Datasheet
751Kb / 17P
   2048MB DDR3 ??SDRAM SO-DIMM
SGV02G72A1BD1SA-BB[W]RT ETC-SGV02G72A1BD1SA-BB[W]RT Datasheet
743Kb / 16P
   2048MB DDR3 ??SDRAM ECC XR-DIMMTM
SGN02G64D2BQ1SA-BB[EW]RT ETC2-SGN02G64D2BQ1SA-BB[EW]RT Datasheet
746Kb / 17P
   2048MB DDR3 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com