Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4001CDRG4 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4001CDRG4
Description  THS4001
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4001CDRG4 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4001CDRG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4001CDRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4001CDRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4001CDRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4001CDRG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4001CDRG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4001CDRG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4001CDRG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4001CDRG4 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
R(FB) – Feedback Resistance – Ω
BANDWIDTH (–3 dB)
vs
FEEDBACK RESISTANCE
100 200 300
400
700
800
600
500
900
300
200
100
0
250
150
50
1000
VCC = ±2.5 V
VCC = ±5 V
VCC = ±15 V
Gain = 1
f = –3 dB
RL = 150 Ω
Figure 15
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
24
6
8
14
VCC – Supply Voltage – V
12
10
6
4
2
0
5
3
1
8
9
7
Figure 16
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
–40
–20
0
20
80
TA – Free-Air Temperature – °C
60
40
6
4
2
0
7
5
3
1
8
9
VCC = ±15 V
VCC = ±5 V
VCC = ±2.5 V
100
Figure 17
NOISE SPECTRAL DENSITY
vs
FREQUENCY
10
100
1k
10k
f – Frequency – Hz
100k
60
40
20
0
50
30
10
80
70
VCC = ±5 V
and
±2.5 V
VCC = ±15 V


Similar Part No. - THS4001CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001CDRG4 TI1-THS4001CDRG4 Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com