Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4830 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA4830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4830 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA4830 Datasheet HTML 7Page - National Semiconductor (TI) OPA4830 Datasheet HTML 8Page - National Semiconductor (TI) OPA4830 Datasheet HTML 9Page - National Semiconductor (TI) OPA4830 Datasheet HTML 10Page - National Semiconductor (TI) OPA4830 Datasheet HTML 11Page - National Semiconductor (TI) OPA4830 Datasheet HTML 12Page - National Semiconductor (TI) OPA4830 Datasheet HTML 13Page - National Semiconductor (TI) OPA4830 Datasheet HTML 14Page - National Semiconductor (TI) OPA4830 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
120
110
100
90
80
70
60
50
40
30
20
10
CapacitiveLoad(pF)
1
10
100
1k
0.1dBPeakingTargeted
8
7
6
5
4
3
2
1
0
-1
-2
-3
Frequency(MHz)
1
10
100
200
C =1000pF
L
C =100pF
L
C =10pF
L
750W
R
S
1/4
OPA4830
V
I
V
O
50W
1kW
(1)
C
L
750W
NOTE:(1)1k
isoptional.
W
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
Resistance( )
W
10
100
1k
G=+5V/V
V = 5V
±
S
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
I (mA)
O
-160
-120
-80
-40
0
40
80
120
160
1WInternal PowerLimit,OneChannelOnly
Output
CurrentLimit
Output
CurrentLimit
1WInternal
PowerLimit
R =500
L
W
R =100
L
W
R =50
L
W
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 74).
FREQUENCY RESPONSE vs CAPACITIVE LOAD
RECOMMENDED RS vs CAPACITIVE LOAD
Figure 14.
Figure 15.
OUTPUT SWING vs LOAD RESISTANCE
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Figure 16.
Figure 17.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA4830


Similar Part No. - OPA4830

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4830 BURR-BROWN-OPA4830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830 BURR-BROWN-OPA4830 Datasheet
609Kb / 32P
   Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA4830 TI-OPA4830 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830 TI1-OPA4830 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830IPW TI-OPA4830IPW Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA4830

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4830IPW TI-OPA4830IPW Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830 TI1-OPA4830 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP_15 Datasheet
727Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com