Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2830IDR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2830IDR
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2830IDR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA2830IDR Datasheet HTML 7Page - National Semiconductor (TI) OPA2830IDR Datasheet HTML 8Page - National Semiconductor (TI) OPA2830IDR Datasheet HTML 9Page - National Semiconductor (TI) OPA2830IDR Datasheet HTML 10Page - National Semiconductor (TI) OPA2830IDR Datasheet HTML 11Page - National Semiconductor (TI) OPA2830IDR Datasheet HTML 12Page - National Semiconductor (TI) OPA2830IDR Datasheet HTML 13Page - National Semiconductor (TI) OPA2830IDR Datasheet HTML 14Page - National Semiconductor (TI) OPA2830IDR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
120
110
100
90
80
70
60
50
40
30
20
10
Capacitive Load (pF)
1
10
100
1k
0dB Peaking Targeted
8
7
6
5
4
3
2
1
0
−1
−2
−3
Frequency (MHz)
1
10
100
200
C
L = 1000pF
C
L = 100pF
C
L = 10pF
750
R
S
1/2
O PA2830
VI
V
O
50
1k
(1)
CL
750
NOTE: (1) 1k
Ω is optional.
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
Resistance (
Ω)
10
100
1k
G = +5V/V
V
S = ±5V
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
I
O (mA)
−160 −120
−80
−40
0
40
80
120
160
1W In ternal
Power Lim it
Outpu t
Curr ent Limit
One C hannel Only
Output
Current Lim it
1W Internal
P ower Limit
R
L = 500Ω
R
L = 100Ω
R
L = 50Ω
OPA2830
www.ti.com.................................................................................................................................................. SBOS309D – AUGUST 2004 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 72).
FREQUENCY RESPONSE vs CAPACITIVE LOAD
RECOMMENDED RS vs CAPACITIVE LOAD
Figure 13.
Figure 14.
OUTPUT SWING vs LOAD RESISTANCE
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Figure 15.
Figure 16.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA2830


Similar Part No. - OPA2830IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2830IDR BURR-BROWN-OPA2830IDR Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2830IDR TI1-OPA2830IDR Datasheet
1Mb / 43P
[Old version datasheet]   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
OPA2830IDRG4 TI1-OPA2830IDRG4 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2830IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2830 TI1-OPA2830 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP_15 Datasheet
727Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com