Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2652U2K5 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA2652U2K5
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2652U2K5 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA2652U2K5 Datasheet HTML 4Page - National Semiconductor (TI) OPA2652U2K5 Datasheet HTML 5Page - National Semiconductor (TI) OPA2652U2K5 Datasheet HTML 6Page - National Semiconductor (TI) OPA2652U2K5 Datasheet HTML 7Page - National Semiconductor (TI) OPA2652U2K5 Datasheet HTML 8Page - National Semiconductor (TI) OPA2652U2K5 Datasheet HTML 9Page - National Semiconductor (TI) OPA2652U2K5 Datasheet HTML 10Page - National Semiconductor (TI) OPA2652U2K5 Datasheet HTML 11Page - National Semiconductor (TI) OPA2652U2K5 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
70
60
50
40
30
20
10
0
-10
0
-30
-60
-90
-120
-150
-180
-210
-240
Frequency(Hz)
10k
1G
100k
10M
1M
100M
Open-LoopGain
Open-LoopPhase
100
90
80
70
60
50
40
30
20
10
0
Frequency(Hz)
1k
100M
10k
100k
1M
10M
CMRR
+PSRR
-PSRR
100
10
1
0.1
0.01
Frequency(Hz)
10k
400M
100k
1M
100M
10M
1/2
OPA2652
402W
200W
402W
Z
O
5
4
3
2
1
0
-1
-2
-3
-4
-5
I (mA)
O
-200
-150
-100
-50
0
100
50
150
200
100
LoadLine
W
20
LoadLine
W
10
LoadLine
W
50
LoadLine
W
1WInternal
PowerLimit
1WInternal
PowerLimit
OutputCurrentLimited
OutputCurrentLimit
5
4
3
2
1
0
-1
-2
-3
-4
-5
V
IN
Time(20ns/div)
2.5
2.0
1.5
1.0
0
-0.5
-1.0
-1.5
-2.0
-2.5
V
OUT
G=+2
0.5
5
4
3
2
1
0
-1
-2
-3
-4
-5
V
IN
Time(20ns/div)
V
OUT
G= 1
-
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29.
CMRR AND PSRR vs FREQUENCY
OPEN-LOOP GAIN AND PHASE
Figure 19.
Figure 20.
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Figure 21.
Figure 22.
NONINVERTING OVERDRIVE RECOVERY
INVERTING OVERDRIVE RECOVERY
Figure 23.
Figure 24.
8
Submit Documentation Feedback


Similar Part No. - OPA2652U2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652U2K5 BURR-BROWN-OPA2652U2K5 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652U2K5G4 BURR-BROWN-OPA2652U2K5G4 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2652U2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
THS4281 TI1-THS4281 Datasheet
2Mb / 43P
[Old version datasheet]   Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com