Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2652 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2652
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2652 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  OPA2652 Datasheet HTML 1Page - National Semiconductor (TI) OPA2652 Datasheet HTML 2Page - National Semiconductor (TI) OPA2652 Datasheet HTML 3Page - National Semiconductor (TI) OPA2652 Datasheet HTML 4Page - National Semiconductor (TI) OPA2652 Datasheet HTML 5Page - National Semiconductor (TI) OPA2652 Datasheet HTML 6Page - National Semiconductor (TI) OPA2652 Datasheet HTML 7Page - National Semiconductor (TI) OPA2652 Datasheet HTML 8Page - National Semiconductor (TI) OPA2652 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V
6
3
0
-3
-6
-9
-12
-15
-18
-21
-24
Frequency(Hz)
1M
10M
100M
1G
V =0.2V
O
PP
G=+5
G=+10
G=+1
R =25
F
W
G=+2
6
3
0
-3
-6
-9
-12
-15
-18
-21
-24
Frequency(Hz)
1M
10M
100M
1G
V =0.2V
O
PP
G= 5
-
G= 10
-
G= 1
-
G= 2
-
6
3
0
-3
-6
-9
-12
-15
-18
-21
-24
Frequency(Hz)
1M
10M
100M
1G
V
1V
O
PP
<
G=+2
V =2V
O
PP
V =4V
O
PP
6
3
0
-3
-6
-9
-12
-15
-18
-21
-24
Frequency(Hz)
1M
10M
100M
1G
V =0.5V
O
PP
G= 1
-
V =1.0V
O
PP
V =2.0V
O
PP
Time(5ns/div)
4V
PP
G=+2
200mV
PP
Time(5ns/div)
4V
PP
G= 1
-
200mV
PP
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29.
NONINVERTING
INVERTING
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
NONINVERTING
INVERTING
LARGE-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 3.
Figure 4.
NONINVERTING PULSE RESPONSE
INVERTING PULSE RESPONSE
Figure 5.
Figure 6.
5
Submit Documentation Feedback


Similar Part No. - OPA2652

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652 BURR-BROWN-OPA2652 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652E BURR-BROWN-OPA2652E Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652E BURR-BROWN-OPA2652E Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2652

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
THS4281 TI1-THS4281 Datasheet
2Mb / 43P
[Old version datasheet]   Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com