Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6704MANOPB Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704MANOPB
Description  MHz Selectable Gain Buffer with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704MANOPB Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMH6704MANOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 12Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
STANDARD CIRCUIT
(FIGURE 2)
ALTERNATE CIRCUIT
(FIGURE 4)
2
3
4
6
1
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
.01 µF
6.8 µF
CNEG
.01 µF
RIN
0.1 µF
CSS
LMH6704
LMH6704
www.ti.com
SNOSAD0C – FEBRUARY 2005 – REVISED MARCH 2013
Figure 20. Alternate Unity Gain Configuration
UNITY GAIN COMPENSATION
With a current feedback Selectable Gain Buffer like the LMH6704, the feedback resistor is a compromise
between the value needed for stability at unity gain and the optimized value needed at a gain of two. In standard
open-loop current feedback operational amplifiers the feedback resistor, RF, is external and its value can be
adjusted to match the required gain. Since the feedback resistor is integrated in the LMH6704, it is not possible
to adjust it’s value. However, we can employ the circuit shown in Figure 20. This circuit modifies the noise gain of
the amplifier to eliminate the peaking associated with using the circuit shown in Figure 18. The frequency
response is shown in Figure 21. The decreased peaking does come at a price as the output referred voltage
noise density increases by a factor of 1.1.
Figure 21. Unity Gain Frequency Response
OUTPUT VOLTAGE NOISE
Open-loop operational amplifiers specify three input referred noise parameters: input voltage noise, non-inverting
input current noise, and inverting input current noise. These specifications are used to calculate the total voltage
noise produced at the output of the amplifier. The LMH6704 is a closed loop amplifier with internal resistors, thus
only the non-inverting input current noise flows through external components. All other noise sources are internal
to the part. There are four possible values for the noise at the output depending on the gain configuration as
shown in Table 2. For more information on calculating noise in current feedback amplifiers see Application Notes
OA-12 and AN104 available at www.ti.com.
The total noise voltage at the output can be calculated using Equation 1:
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6704


Similar Part No. - LMH6704MANOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6704MA NSC-LMH6704MA Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704MA/NOPB TI1-LMH6704MA/NOPB Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
LMH6704MAX NSC-LMH6704MAX Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
More results

Similar Description - LMH6704MANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com