Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6658MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6658MA
Description  270MHz Single Supply, Single & Dual Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6658MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6658MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LMH6657, LMH6658
www.ti.com
SNOSA35F – AUGUST 2002 – REVISED MARCH 2013
LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
Check for Samples: LMH6657, LMH6658
1
FEATURES
DESCRIPTION
The
LMH6657/6658
are
low-cost
operational
2
VS = 5V, TA = 25°C, RL = 100Ω (Typical Values
amplifiers that operate from a single supply with input
Unless Specified)
voltage range extending below the V. Based on easy
−3dB BW (AV = +1) 270MHz
to use voltage feedback topology and boasting fast
Supply Voltage Range 3V to 12V
slew
rate
(700V/µs)
and
high
speed
(140MHz
GBWP), the LMH6657 (Single) and LMH6658 (dual)
Slew Rate, (VS = ±5V) 700V/µs
can be used in high speed large signal applications.
Supply Current 6.2mA/amp
These
applications
include
instrumentation,
Output Current +80/
−90mA
communication devices, set-top boxes, etc.
Input Common Mode volt. 0.5V Beyond V,
With a -3dB BW of 100MHz (AV = +2) and DG & DP
1.7V from V+
of 0.03% & 0.10° respectively, the LMH6657/6658
are well suited for video applications. The output
Output Voltage Swing (RL = 2kΩ) 0.8V from
stage can typically supply 80mA into the load with a
Rails
swing of about 1V from either rail.
Input Voltage Noise 11nV/
√Hz
For Industrial applications, the LMH6657/6658 are
Input Current Noise 2.1pA
√Hz/
excellent cost-saving choices. Input referred voltage
DG Error 0.03%
noise is low and the input voltage can extend below
DP Error 0.10°
Vto ease amplification of low level signals that could
be at or near the system ground. With low distortion
THD (5MHz)
−55dBc
and
fast
settling,
LMH6657/6658
can
provide
Settling Time (0.1%) 37ns
buffering for A/D and D/A applications.
Fully Characterized for 5V, and ±5V
The LMH6657/6658 versatility and ease of use is
Output Overdrive Recovery 18ns
extended even further by offering these high slew
Output Short Circuit Protected(1)
rate , high speed Op Amps in miniature packages
such as SOT-23-5, SC70, SOIC-8, and VSSOP-8.
No Output Phase Reversal with CMVR
Refer
to
the
Ordering
Information
section
for
Exceeded
packaging options available for each device.
APPLICATIONS
CD/DVD ROM
ADC Buffer Amp
Portable Video
Current Sense Buffer
Portable Communications
(1) Short Circuit Test is a momentary test.
See Note 7 under Absolute Maximum Ratings.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6658MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6658MA TI-LMH6658MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
LMH6658MA TI1-LMH6658MA Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MA/NOPB TI1-LMH6658MA/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
LMH6658MAX TI1-LMH6658MAX Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
More results

Similar Description - LMH6658MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com