Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6658MA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6658MA
Description  270MHz Single Supply, Single & Dual Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6658MA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6658MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6658MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LMH6657, LMH6658
SNOSA35F – AUGUST 2002 – REVISED MARCH 2013
www.ti.com
5V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, and R
L = 100Ω (or as
specified) tied to V
+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
TC VOS
Input Offset Voltage Average
See(5)
±2
μV/C
Drift
IB
Input Bias Current
See(6)
−5
−20
μA
−30
TC IB
Input Bias Current Average Drift
See(5)
0.01
nA/°C
IOS
Input Offset Current
50
300
nA
500
CMRR
Common Mode Rejection Ratio
VCM Stepped from 0V to 3.0V
72
82
dB
+PSRR
Positive Power Supply Rejection
V+ = 4.5V to 5.5V, VCM = 1V
72
82
dB
Ratio
IS
Supply Current (per channel)
No load
6.2
8.5
mA
10
Miscellaneous Performance
VOH
Output Swing
RL = 2k to V
+/2
4.10
4.25
High
3.8
RL = 150Ω to V
+/2
4.00
4.19
V
3.70
RL = 75Ω to V
+/2
3.85
4.15
3.50
VOL
Output Swing
RL = 2k to V
+/2
900
800
Low
1100
RL = 150Ω to V
+/2
970
870
mV
1200
R L = 75Ω to V
+/2
990
885
1250
IOUT
Output Current
VOUT = 1V from either rail
±40
+85,
−105
mA
ISC
Output Short CircuitCurrent(7)
Sourcing to V+/2
100
155
80
mA
Sinking to V+/2
100
220
80
RIN
Common Mode Input Resistance
3
M
CIN
Common Mode Input
1.8
pF
Capacitance
ROUT
Output Impedance
f = 1MHz, AV = +1
0.06
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Positive current corresponds to current flowing into the device.
(7)
Short circuit test is a momentary test. See Note 6 under Absolute Maximum Ratings.
±5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= −5V, V
CM = VO, and RL = 100Ω (or as
specified) tied to 0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
GB
Gain Bandwidth Product
VOUT < 200mVPP
140
MHz
SSBW
−3dB BW
AV = +1, VOUT = 200mVPP
220
270
MHz
AV = +2 or −1, VOUT = 200mVPP
100
GFP
Frequency Response Peaking
AV = +2, VOUT = 200mVPP,
1.0
dB
DC to 100MHz
GFR
Frequency Response Rolloff
AV = +2, VOUT = 200mVPP,
0.9
dB
DC to 100MHz
LPD
1° Linear Phase Deviation
AV = +2, VOUT = 200mVPP, ±1°
30
MHz
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6657 LMH6658


Similar Part No. - LMH6658MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6658MA TI-LMH6658MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
LMH6658MA TI1-LMH6658MA Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MA/NOPB TI1-LMH6658MA/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
LMH6658MAX TI1-LMH6658MAX Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
More results

Similar Description - LMH6658MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com