Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9953A Datasheet(PDF) 3 Page - Chino-Excel Technology

Part # 9953A
Description  Dual P-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

9953A Datasheet(HTML) 3 Page - Chino-Excel Technology

  9953A Datasheet HTML 1Page - Chino-Excel Technology 9953A Datasheet HTML 2Page - Chino-Excel Technology 9953A Datasheet HTML 3Page - Chino-Excel Technology 9953A Datasheet HTML 4Page - Chino-Excel Technology 9953A Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 9953A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
9953 IRF-9953 Datasheet
107Kb / 7P
   Power MOSFET(Vdss=-30V, Rds(on)=0.25ohm)
logo
Belden Inc.
9953 BELDEN-9953 Datasheet
148Kb / 2P
   Electronic, 3 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9953-009100 BELDEN-9953-009100 Datasheet
148Kb / 2P
   Electronic, 3 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9953-0091000 BELDEN-9953-0091000 Datasheet
148Kb / 2P
   Electronic, 3 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
9953-009500 BELDEN-9953-009500 Datasheet
148Kb / 2P
   Electronic, 3 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
More results

Similar Description - 9953A

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com