Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR7545 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MBR7545
Description  75A SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MBR7545 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MBR7545 Datasheet HTML 1Page - Digitron Semiconductors MBR7545 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MBR7535-MBR7545
75A SCHOTTKY RECTIFIER
MAXIMUM RATINGS
Rating
Symbol
MBR7535
MBR7545
Unit
Peak repetitive reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
35
45
V
Peak repetitive forward current (Rated VR, square wave, 20kHz)
IFRM
150 @ TC = 90°C
A
Average rectified forward current (Rated VR)
Io
75 @ TC = 90°C
A
Non-repetitive peak surge current
(surge applied at rated load conditions, halfwave, single phase, 60Hz)
IFSM
1000
A
Operating junction and storage temperature range
TJ, Tstg
-65 to +150
°C
Peak operating junction temperature (Forward current applied)
TJ(pk)
175
°C
Voltage rate of change (Rated VR)
dv/dt
1000
V/µs
Maximum thermal resistance
Junction to case
R
ӨJC
0.80
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR7535
MBR7545
Unit
Instantaneous forward voltage (1)
(IF = 60A, TC = 125°C)
(IF = 220A, TC = 120°C)
VF
0.60
0.90
V
Instantaneous reverse current (1)
(Rated dc voltage, TC = 125°C)
IR
150
250
mA
Capacitance (VR = 5.0Vdc, 100kHz ≤ f ≤ 1.0MHz)
Ct
4000
pF
Note 1: Pulse test: Pulse width = 300µs, duty cycle ≤ 2.0%.
MECHANICAL CHARACTERISTICS
Case
DO-5(R)
Marking
Alpha-numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-5(R)
Inches
Millimeters
Min
Max
Min
Max
A
¼-28 UNF2A threads
B
0.669
0.688
16.990
17.480
C
-
0.794
-
20.160
D
-
1.000
-
25.400
E
0.422
0.453
10.720
11.510
F
0115
0.200
2.920
5.080
G
-
0.450
-
11.430
H
0.220
0.249
5.580
6.320
J
0.250
0.375
6.350
9.530
K
0.156
-
3.960
-
M
-
0.667
-
16.940
N
0.030
0.080
0.760
2.030
P
0.140
0.175
3.560
4.450
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121205


Similar Part No. - MBR7545

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR7545 IRF-MBR7545 Datasheet
26Kb / 3P
   SCHOTTKY RECTIFIER
logo
TRANSYS Electronics Lim...
MBR7545 TEL-MBR7545 Datasheet
123Kb / 2P
   SCHOTTKY DIODES STUD TYPE 75 A
logo
Naina Semiconductor ltd...
MBR7545 NAINA-MBR7545 Datasheet
123Kb / 2P
   Schottky Power Diode, 75A
logo
New Jersey Semi-Conduct...
MBR7545 NJSEMI-MBR7545 Datasheet
78Kb / 2P
   SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
   Not ESD Sensitive
More results

Similar Description - MBR7545

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MBR7545 NAINA-MBR7545 Datasheet
123Kb / 2P
   Schottky Power Diode, 75A
MBR7520 NAINA-MBR7520 Datasheet
123Kb / 2P
   Schottky Power Diode, 75A
logo
MacMic
MMG75W120XT6TC MACMIC-MMG75W120XT6TC Datasheet
1Mb / 7P
   1200V 75A RectifierInverter Module
logo
Nell Semiconductor Co.,...
MTP75A NELLSEMI-MTP75A Datasheet
825Kb / 3P
   Three-Phase Bridge Rectifier, 75A
MTP75D NELLSEMI-MTP75D Datasheet
1Mb / 3P
   Three-Phase Bridge Rectifier, 75A
logo
MacMic
MMG75WD120XT6TC MACMIC-MMG75WD120XT6TC Datasheet
1Mb / 7P
   1200V 75A RectifierInverter Module
logo
Nell Semiconductor Co.,...
MTP75S NELLSEMI-MTP75S Datasheet
1Mb / 3P
   Three-Phase Bridge Rectifier, 75A
logo
GeneSiC Semiconductor, ...
GD75MPS17-CAL GENESIC-GD75MPS17-CAL Datasheet
296Kb / 6P
   1700V 75A SiC Schottky MPS??Diode
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X75-120P1B DACO-CSRI2X75-120P1B Datasheet
392Kb / 4P
   SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
CSRI2X75-065P2B DACO-CSRI2X75-065P2B Datasheet
513Kb / 4P
   SiC SCHOTTKY DIODE TYPE 2×75A
may 2023 Rev 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com