Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 14 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 14 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 10Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 11Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 12Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 13Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 14Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 15Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 16Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 17Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 18Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 14 of 85
1-888-824-4184
2.1.3
PLCC Physical Dimensions
The physical dimensions for the 84 PLCC are as shown in Figure 3.
Legend:
Figure 3. 84-Pin PLCC Physical Package Dimensions
Symbol
Min
Nom
Max
A
0.165
˝
0.180
˝
A1
0.090
˝
0.120
˝
D
1.190
˝
D1
1.154
˝
E
1.190
˝
E1
1.154
˝
F
1.110
˝
F1
1.110
˝
Note: The bottom package is bigger
than the top package by 0.004
inches (0.002 inches per side).
Bottom package dimensions follow
those stated in this drawing.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com