Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 59 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 59 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 55Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 56Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 57Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 58Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 59Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 60Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 61Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 62Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 63Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 59 of 85
1-888-824-4184
6.
Reset Operation
The IA186EB/IA188EB will perform a reset operation any time the resin_n pin is active.
Figure 18 shows the reset sequence when power is applied to the IA186EB/IA188EB. An
external clock connected to clkin must not exceed the VCC threshold being applied to the
processor. This is normally not a problem if the clock driver is supplied with the same VCC that
supplies the processor. When attaching a crystal to the device, resin_n must remain active until
both VCC and clkout are stable (the length of time is application-specific and depends on the
startup characteristics of the crystal circuit). The resin_n pin is designed to operate correctly
using an RC reset circuit, but the designer must ensure that the ramp time for VCC is not so long
that resin_n is never really sampled at a logic low level when VCC reaches minimum operating
conditions.
Note: Failure to assert resin_n while the device is powering up will result in unpredictable
operation.
Figure 19, Warm Reset Timing, shows the timing sequence when resin_n is applied after Vcc is
stable and the device has been operating. Any bus operation that is in progress at the time
resin_n is asserted will terminate immediately.
While resin_n is active, bus signals lock_n, a19/once_n, and a18–a16 are configured as inputs
and weakly held high by internal pull-up transistors. Only a19/ once_n can be overdriven to a
low-to-enable ONCE Mode.
7.
Bus Timing
Figures 18 through 26 on the following pages present the various bus cycles that are generated
by the processor. The figures show the relationship of the various bus signals to clkout.
Together with the information present in AC Characteristics, the figures allow the user to
determine all the critical timing analysis needed for a given application.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com