Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 43 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 43 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 39Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 40Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 41Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 42Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 43Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 44Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 45Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 46Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 47Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 43 of 85
1-888-824-4184
Table 11. IA186EB and IA188EB DC Parameters
Symbol
Parameter
Min
Max
Units
Notes
5.0V
Operation
VCC
Supply Voltage
4.5
5.5
V
3.3V
Operation
VCC
Supply Voltage
3.0
3.6
V
VIL
Input Low Voltage
−0.3
0.3
VCC
V
input
hysteresis on
resin_n =
0.50V
VIH
Input High Voltage
0.7
VCC
VCC +
0.3
V
VOL
Output Low Voltage Vcc = 5.5V or 3.6V
0.4
V
IOL = 12mA
VOH
Output High Voltage Vcc = 4.5V/3.0V
3.5/2.4
V
IOH = −12 mA
ILEAK
Input Leakage Current for Pins: ad15
–ad0,
ad7
–ad0 (IA188EB), ready, hold, resin_n; clkin,
test_n, nmi, int4
–int0, t0in, t1in, rdx0, bclk0_n,
cts0_n, rxd1, bclk1_n, cts1_n, p2.6, p2.7
± 1
µA
0V ≤ V
IN ≤ VCC
Input Leakage Current for Pins (@3.3V): pereq
+ .147
+.625
mA
VIN = VCC
Input Leakage Current for Pins (@3.3V):
a19/once_n, a18
–a16, lock_n, error_n
− .147
−.625
mA
VIN =0V
Input Leakage Current for Pins (@5V): pereq
+ .227
+.833
mA
VIN = VCC
Input Leakage Current for Pins (@5V):
a19/once_n, a18
–a16, lock_n, error_n
− .227
−.833
mA
VIN =0V
ILO
Output Leakage Current
± 10
µA
0.45 ≤ V
OUT
VCC
IID
Supply Current (IDLE) - @ 50 MHz
90
mA
CIN
Input Pin Capacitance
0
5
pF
TF = 1 MHz
COUT
Output Pin Capacitance
0
5
pF
TF = 1 MHz
Operating temperature is -40°C to +85°C.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com