Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 32 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 32 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 28Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 29Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 30Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 31Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 32Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 33Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 34Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 35Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 36Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 32 of 85
1-888-824-4184
Table 7. IA186EB Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
resout
resout
38
26
69
reset output. Output. Active High. When
resout is asserted, it indicates that the
IA186EB is being reset. The resout signal will
remain active (high) as long as resin_n
remains active (low).
rxd0
rxd0
53
40
3
Receive (rx) data, Serial Port 0. Input/Output.
This pin is the serial data input for Serial Port 0.
During synchronous serial communications,
rxd0 is bidirectional and functions an output for
data transmission (txd0 becomes the clock).
rxd1
p2.0/rxd1
57
44
7
Receive (rx) data, Serial Port 1. Input/Output.
This pin is the serial data input for Serial Port 1.
During synchronous serial communications,
rxd1 is bidirectional and functions an output for
data transmission (txd1 becomes the clock).
s0_n
s0_n
10
79
42
statusN (N = 0
–2). Output. During a bus cycle
the status (i.e., type) of cycle is encoded on
these lines as follows:
s2_n
s1_n
s0_n
Bus Cycle Status
0
0
0
Interrupt Acknowledge
0
0
1
Read I/O
0
1
0
Write I/O
0
1
1
Processor HALT
1
0
0
Queue Instruction Fetch
1
0
1
Read Memory
1
1
0
Write Memory
1
1
1
No Bus Activity
s1_n
s1_n
9
78
41
s2_n
s2_n
8
77
40
sint1
p2.3/sint1
55
42
5
serial interrupt, Serial Port 1. Output. Active
High. When sint1 is asserted (high), it
indicates that Serial Port 1 requires service.
t0in
t0in
46
33
76
timer 0 input. Input. Depending on the Timer
Mode programmed for Timer 0, this input is
used either as clock input or a control signal.
t0out
t0out
45
32
75
timer 0 output. Output. Depending on the
Timer Mode programmed for Timer 0, this
output can provide a single clock or a
continuous waveform.
t1in
t1in
48
35
78
timer 1 input. Input. Depending on the Timer
Mode programmed for Timer 1, this input is
used either as clock input or a control signal.


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com