Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80L186EB16 Datasheet(PDF) 25 Page - InnovASIC, Inc

Part # S80L186EB16
Description  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

S80L186EB16 Datasheet(HTML) 25 Page - InnovASIC, Inc

Back Button S80L186EB16 Datasheet HTML 21Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 22Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 23Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 24Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 25Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 26Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 27Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 28Page - InnovASIC, Inc S80L186EB16 Datasheet HTML 29Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 25 of 85
1-888-824-4184
2.2
IA186EB Pin/Signal Descriptions
Descriptions of the pin and signal functions for the IA186EB microcontroller are provided in
Table 7.
Several of the IA186EB pins have different functions depending on the operating mode of the
device. Each of the different signals supported by a pin is listed and defined in Table 7—
indexed alphabetically in the first column of the table. Additionally, the name of the pin
associated with the signal as well as the pin numbers for the PLCC, LQFP, and PQFP packages
are provided in the ―Pin‖ column. Signals not used in a specific package type are designated
―NA.‖
Table 7. IA186EB Pin/Signal Descriptions
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
a16
(output
only)
a16
80
66
29
address Bits [16
–19]. Input/Output. These pins
provide the four most-significant bits of the
Address Bus. During the address portion of the
IA186EB bus cycle, Address Bits [16
–19] are
presented on the bus and can be latched using
the ale signal (see table entry). During the data
portion of the IA186EB bus cycle, these lines
are driven to a logic 0.
a17
(output
only)
a17
81
67
30
a18
(output
only)
a18
82
68
31
a19
a19/once_n
83
69
32
ad0
ad0
61
47
10
address/data Bits [0
–15]. Input/Output. These
pins provide the multiplexed Address Bus and
Data Bus. During the address portion of the
IA186EB bus cycle, Address Bits [0
–15] are
presented on the bus and can be latched using
the ale signal (see next table entry). During the
data portion of the IA186EB bus cycle, 8- or
16-bit data are present on these lines.
ad1
ad1
66
52
15
ad2
ad2
68
54
17
ad3
ad3
70
56
19
ad4
ad4
72
58
21
ad5
ad5
74
60
23
ad6
ad6
76
62
25
ad7
ad7
78
64
27
ad8
ad8
62
48
11
ad9
ad9
67
53
16
ad10
ad10
69
55
18
ad11
ad11
71
57
20
ad12
ad12
73
59
22
ad13
ad13
75
61
24
ad14
ad14
77
63
26
ad15
ad15
79
65
28


Similar Part No. - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
S80L186EB16 INNOVASIC-S80L186EB16 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - S80L186EB16

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com