Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS6041 Datasheet(PDF) 2 Page - International Rectifier

Part # IPS6041
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6041 Datasheet(HTML) 2 Page - International Rectifier

  IPS6041 Datasheet HTML 1Page - International Rectifier IPS6041 Datasheet HTML 2Page - International Rectifier IPS6041 Datasheet HTML 3Page - International Rectifier IPS6041 Datasheet HTML 4Page - International Rectifier IPS6041 Datasheet HTML 5Page - International Rectifier IPS6041 Datasheet HTML 6Page - International Rectifier IPS6041 Datasheet HTML 7Page - International Rectifier IPS6041 Datasheet HTML 8Page - International Rectifier IPS6041 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IPS6041(G)(R)(S)PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. (Tambient=25°C unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-35 Vcc+0.3
Voffset
Maximum logic ground to load ground offset
Vcc-35 Vcc+0.3
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
36
Vcc cont.
Maximum continuous Vcc voltage
28
V
Iin max.
Maximum IN current
-3
10
Idg max.
Maximum diagnostic output current
-3
10
mA
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Maximum power dissipation (internally limited by thermal protection)
Rth=100°C/W IPS6041G
1.25
Pd
Rth=50°C/W IPS6041R 1”sqrt. footprint
2.5
W
Electrostatic discharge voltage (Human body) C=100pF, R=1500
Between In and Vcc
1500
Other combinations
4000
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
Ω,L=10µH
Between In and Vcc
100
ESD
Other combinations
500
V
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Tsoldering
Soldering temperature (10 seconds)
300
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient IPS6041G
100
Rth1
Thermal resistance junction to ambient IPS6041R D-Pak std. footprint
70
Rth2
Thermal resistance junction to ambient IPS6041R D-Pak 1” sqrt. footprint
50
Rth3
Thermal resistance junction to case IPS6041(R)(S) D-Pak/D2pak/TO220
6
Rth1
Thermal resistance junction to ambient IPS6041(S) D2Pak/TO220 std.
footprint
60
Rth2
Thermal resistance junction to ambient IPS6041S D2Pak 1” sqrt. footprint
40
°C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
VIL
Low level input voltage
0
0.9
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
Rth=100°C/W IPS6041G
1.6
Iout
Rth=50°C/W IPS6041R 1” sqrt. footprint
2.3
A
Rin
Recommended resistor in series with IN pin
4
10
Rdgs
Recommended resistor in series with DG pin for reverse battery protection
4
20
Rdgp
Recommended pull-up resistor for DG
4
20
Rol
Recommended pull-up resistor for open load detection
5
100
k
F max.
Max. switching frequency
3.5
kHz
www.irf.com
2


Similar Part No. - IPS6041

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS6041GPBF IRF-IPS6041GPBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041RPBF IRF-IPS6041RPBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041SPBF IRF-IPS6041SPBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - IPS6041

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com