Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGU02G64A1BD1SA-CCR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SGU02G64A1BD1SA-CCR
Description  2048MB DDR3 . SDRAM UDIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGU02G64A1BD1SA-CCR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SGU02G64A1BD1SA-CCR Datasheet HTML 7Page - List of Unclassifed Manufacturers SGU02G64A1BD1SA-CCR Datasheet HTML 8Page - List of Unclassifed Manufacturers SGU02G64A1BD1SA-CCR Datasheet HTML 9Page - List of Unclassifed Manufacturers SGU02G64A1BD1SA-CCR Datasheet HTML 10Page - List of Unclassifed Manufacturers SGU02G64A1BD1SA-CCR Datasheet HTML 11Page - List of Unclassifed Manufacturers SGU02G64A1BD1SA-CCR Datasheet HTML 12Page - List of Unclassifed Manufacturers SGU02G64A1BD1SA-CCR Datasheet HTML 13Page - List of Unclassifed Manufacturers SGU02G64A1BD1SA-CCR Datasheet HTML 14Page - List of Unclassifed Manufacturers SGU02G64A1BD1SA-CCR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
Rev.1.0
12.04.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 11
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 16
DDR3 SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS (Continued)
(0°C ≤ TCASE ≤ + 85°C ; VDDQ = +1.5V ± 0.075V, VDD = +1.5V ± 0.075V)
AC CHARACTERISTICS
12800-CL11
10600-CL9
8500-CL7
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
Unit
Exit reset from CKE HIGH to a
valid command
tXPR
max
(5ns,tRFC
+10ns)
-
max
(5ns,tRFC
+10ns)
-
max
(5ns,tRFC
+10ns)
-
ns
Begin power supply ramp to
power supplies stable
tVDDPR
-
200
-
200
-
200
ms
RESET# LOW to power supplies
stable
tRPS
-
200
-
200
-
200
ms
RESET# LOW to I/O and RTT
High-Z
tIOz
-
20
-
20
-
20
ns
Exit precharge power-down to
any non-READ command
tXP
max
(3nCK,6ns)
-
max
(3nCK,6ns)
-
max
(3nCK,7.5ns)
-
ns
CKE minimum high/low time
tCKE
max
(3nCK,
5.625ns)
-
max
(3nCK,
5.625ns)
-
max
(3nCK,
5.625ns)
-
tCK
Serial Presence-Detect EEPROM
SCL
SDA
SA2
SA2
SA1
SA1
SA0
SA0
EVENT
WP/
R2
0
Ω


Similar Part No. - SGU02G64A1BD1SA-CCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU02G64A1BK1MT-BB[EW]R ETC2-SGU02G64A1BK1MT-BB[EW]R Datasheet
633Kb / 16P
   2048MB DDR3 ??SDRAM UDIMM
SGU02G64A1BK1MT-CC[E/W]R ETC2-SGU02G64A1BK1MT-CC[E/W]R Datasheet
633Kb / 16P
   2048MB DDR3 ??SDRAM UDIMM
SGU02G64A1BK1MT-DC[E/W]R ETC2-SGU02G64A1BK1MT-DC[E/W]R Datasheet
633Kb / 16P
   2048MB DDR3 ??SDRAM UDIMM
More results

Similar Description - SGU02G64A1BD1SA-CCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU02G64A1BK1MT-BB[EW]R ETC2-SGU02G64A1BK1MT-BB[EW]R Datasheet
633Kb / 16P
   2048MB DDR3 ??SDRAM UDIMM
SGN02G72F1BD1SA-BB[EW]RT ETC2-SGN02G72F1BD1SA-BB[EW]RT Datasheet
560Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-UDIMM
SGN02G72F1BQ1SA-CC[EW]RT ETC2-SGN02G72F1BQ1SA-CC[EW]RT Datasheet
675Kb / 16P
   2048MB DDR3 . SDRAM ECC SO-UDIMM
SGP02G72D1BG2SA-BB[EW]RT ETC2-SGP02G72D1BG2SA-BB[EW]RT Datasheet
703Kb / 17P
   2048MB DDR3 . SDRAM RDIMM
SLN02G72F1BK1MT-CCRT ETC-SLN02G72F1BK1MT-CCRT Datasheet
722Kb / 17P
   2048MB DDR3L ??SDRAM ECC SO-UDIMM
SGU02G64B1BG2SA-BB[EIW]R ETC-SGU02G64B1BG2SA-BB[EIW]R Datasheet
467Kb / 14P
   2048MB DDR3 ??SDRAM DIMM
SGU04G64A1BE1MT-BBR ETC-SGU04G64A1BE1MT-BBR Datasheet
655Kb / 16P
   4096MB DDR3 ??SDRAM UDIMM
SGU01G64A1BG1SA-BBR ETC2-SGU01G64A1BG1SA-BBR Datasheet
638Kb / 16P
   1024MB DDR3 . SDRAM UDIMM
SGN02G64E1BG2MT-BB[EW]RT ETC2-SGN02G64E1BG2MT-BB[EW]RT Datasheet
546Kb / 15P
   2048MB DDR3 ??SDRAM SO-DIMM
SGN02G64D2BD1SA-BB[EW]RT ETC2-SGN02G64D2BD1SA-BB[EW]RT Datasheet
751Kb / 17P
   2048MB DDR3 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com